Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

YB1522 Datasheet (PDF) - YOBON TECHNOLOGIES,INC.

YB1522 Datasheet PDF - YOBON TECHNOLOGIES,INC.
Part # YB1522
Download  YB1522 Download
File Size   1310.48 Kbytes
Page   12 Pages
Manufacturer  YOBON [YOBON TECHNOLOGIES,INC.]
Direct Link  http://www.yobon.com.tw
Logo YOBON - YOBON TECHNOLOGIES,INC.
Description Step-up DC-DC Converter White LED Driver

YB1522 Datasheet (PDF)

Go To PDF Page Download Datasheet
YB1522 Datasheet PDF - YOBON TECHNOLOGIES,INC.

Part # YB1522
Download  YB1522 Click to download

File Size   1310.48 Kbytes
Page   12 Pages
Manufacturer  YOBON [YOBON TECHNOLOGIES,INC.]
Direct Link  http://www.yobon.com.tw
Logo YOBON - YOBON TECHNOLOGIES,INC.
Description Step-up DC-DC Converter White LED Driver

YB1522 Datasheet (HTML) - YOBON TECHNOLOGIES,INC.


YB1522 Product details

Description

The YB1522 is a step-up DC-DC converter; with wide input voltage range from 3V to 16V, which operates as current source to drive up to 3S7P to 3S10P (VIN at 3V to 5V). Series connecting of the LEDs provides identical LED currents resulting in uniform brightness and eliminating the need for ballast resistors. The light intensity of these LEDs is proportional to the current passing through them. The YB1522 switches at a fixed frequency of ~930KHz, allowing the use of tiny, low profile inductors and capacitors to minimize footprint and cost in space consideration applications.



Features

■ Built-in Internal Switch

■ 3V to 16V Input Range

■ <1uA Shutdown Current

■ High Efficiency

■ Internal Soft Start

■ Drives up to 3S7P to 3S10P White LEDs(VIN at 3.5V to 5V)

■ Over Voltage Protection 30V

■ Small 5-Lead SOT-23 Package

■ Analog and PWM Dimming Control

■ 100mV Low Reference Voltage



Applications

■ 5” ~ 7” LCD Display Module

■ White LED Backlighting

■ Car TV

■ Handheld and PDA

■ Electronic Books

■ Digital Photo Frame



 




Similar Part No. - YB1522

ManufacturerPart #DatasheetDescription
logo
YOBON TECHNOLOGIES,INC.
YB1520 YOBON-YB1520 Datasheet
794Kb / 10P
Step-up DC-DC Converter, White LED Driver
YB1520ST25 YOBON-YB1520ST25 Datasheet
794Kb / 10P
Step-up DC-DC Converter, White LED Driver
YB1521 YOBON-YB1521 Datasheet
701Kb / 9P
High Power Step-Up DC-DC Converter & WLED Driver
YB1521ST25 YOBON-YB1521ST25 Datasheet
701Kb / 9P
High Power Step-Up DC-DC Converter & WLED Driver
More results


Similar Description - YB1522

ManufacturerPart #DatasheetDescription
logo
YOBON TECHNOLOGIES,INC.
YB1506 YOBON-YB1506 Datasheet
566Kb / 10P
Step-up DC-DC Converter , White LED Driver
YB1508 YOBON-YB1508 Datasheet
774Kb / 7P
Step-up DC-DC Converter , White LED Driver
YB1510 YOBON-YB1510 Datasheet
90Kb / 1P
Step-up DC-DC Converter,White LED Driver
logo
Taiwan Semiconductor Co...
TS1520 TSC-TS1520 Datasheet
1,011Kb / 12P
Step-Up DC-DC Converter, White LED Driver
TS1520 TSC-TS1520_10 Datasheet
221Kb / 12P
Step-up DC-DC Converter, White LED Driver
logo
YOBON TECHNOLOGIES,INC.
YB1517 YOBON-YB1517 Datasheet
337Kb / 10P
Step-up DC-DC Converter & White LED Driver
YB1518 YOBON-YB1518 Datasheet
1Mb / 12P
Step-up DC-DC Converter White LED Driver
YB1520 YOBON-YB1520 Datasheet
794Kb / 10P
Step-up DC-DC Converter, White LED Driver
logo
SHENZHEN FUMAN ELECTRON...
A3127 FUMAN-A3127 Datasheet
191Kb / 7P
Step-up DC/DC converter white LED driver
logo
Shenzhen Huazhimei Semi...
HM5662 HMSEMI-HM5662 Datasheet
640Kb / 6P
Step-up DC/DC converter White LED driver
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com