Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3038134 Datasheet (PDF) - PHOENIX CONTACT

3038134 Datasheet PDF - PHOENIX CONTACT
Part # 3038134
Download  3038134 Download
File Size   262.03 Kbytes
Page   7 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description STS 6 BU - Feed-through terminal block

3038134 Datasheet (PDF)

Go To PDF Page Download Datasheet
3038134 Datasheet PDF - PHOENIX CONTACT

Part # 3038134
Download  3038134 Click to download

File Size   262.03 Kbytes
Page   7 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description STS 6 BU - Feed-through terminal block

3038134 Datasheet (HTML) - PHOENIX CONTACT


3038134 Product details

Feed-through terminal block, nom. voltage: 800 V, nominal current: 41 A, number of
connections: 2, connection method: Spring-cage connection, 1 level, Rated cross section: 6
mm2, cross section: 0.2 mm2 - 10 mm2, mounting type: NS 35/7,5, NS 35/15, color: blue




Similar Part No. - 3038134

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3038121 PHOENIX-3038121 Datasheet
123Kb / 5P
STS 6
3038163 PHOENIX-3038163 Datasheet
213Kb / 19P
Feed-through terminal block - STS 6-TWIN BU
09/12/2020
More results


Similar Description - 3038134

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3036589 PHOENIX-3036589 Datasheet
115Kb / 12P
Feed-through terminal block - STS 4-TWIN/L BU
3211485 PHOENIX-3211485 Datasheet
195Kb / 16P
Feed-through terminal block - PT 6-TWIN BU
3212947 PHOENIX-3212947 Datasheet
196Kb / 16P
Feed-through terminal block - PT 6-QUATTRO BU
1116735 PHOENIX-1116735 Datasheet
808Kb / 28P
Feed-through terminal block - PTV 6 BU
1116738 PHOENIX-1116738 Datasheet
841Kb / 29P
Feed-through terminal block - PTV 6-TWIN BU
1116740 PHOENIX-1116740 Datasheet
936Kb / 29P
Feed-through terminal block - PTV 6-QUATTRO BU
3038163 PHOENIX-3038163 Datasheet
213Kb / 19P
Feed-through terminal block - STS 6-TWIN BU
09/12/2020
1329494 PHOENIX-1329494 Datasheet
1Mb / 68P
Feed-through terminal block - XTV 6 BU
Nov 3, 2022
1329506 PHOENIX-1329506 Datasheet
1Mb / 68P
Feed-through terminal block - XTV 6-TWIN BU
Nov 3, 2022
3248039 PHOENIX-3248039 Datasheet
438Kb / 17P
Mini feed-through terminal block - MUT 6 BU
Nov 16, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com