Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP5814 Datasheet (PDF) - Texas Instruments

LP5814 Datasheet PDF - Texas Instruments
Part # LP5814
Download  LP5814 Download
File Size   2009.75 Kbytes
Page   76 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description LP5815 3-Channel I2C Interface RGB LED Driver with Instant Blinking and Auto Animation Control

LP5814 Datasheet (PDF)

Go To PDF Page Download Datasheet
LP5814 Datasheet PDF - Texas Instruments

Part # LP5814
Download  LP5814 Click to download

File Size   2009.75 Kbytes
Page   76 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description LP5815 3-Channel I2C Interface RGB LED Driver with Instant Blinking and Auto Animation Control

LP5814 Datasheet (HTML) - Texas Instruments


LP5814 Product details

1 Features
• Operating voltage range
– VCC range: 2.5V to 5.5V
– Logic pins compatible with 1.8V, 3.3V, and 5V
– Output voltage up to 5.5V
• 3-constant current sinks with high precision
– 0.1mA to 51mA per channel
– Device-to-device error: ±8% (max.)
– Channel-to-channel error: ±3% (max.)
– Ultra-low headroom voltage: 135mV (max.) at
25.5mA; 275mV (max.) at 51mA
• Ultra-low power consumption
– Shutdown: ISD = 0.1μA (typ.)
– Standby: ISTB = 22μA (typ.)
– Active:
• INOR = 0.15mA(typ.), disable output channel
• INOR = 0.23mA(typ.), LED current = 25.5mA
• Analog dimming (current gain control)
– Global 1-bit Maximum Current (MC) 25.5mA/
51mA
– Individual 8-bits Dot Current (DC) setting
• PWM dimming up to audible-noise-free 23kHz
– Individual 8-bits PWM dimming resolution
– Linear or exponential dimming curves
• Autonomous animation engine control
• Instant blinking via STAT pin control
• 1MHz (max.) I2C interface
• ESD: 4kV HBM, 1.5kV CDM
• Package
– 1.6x2.1mm SOT583-8 with 0.5mm pitch
– 1.36x0.8mm DSBGA-8 with 0.35mm pitch
• –40°C to 125°C operating temperature range

2 Applications
LED animation and indication for:
• Personal Electronics
– Virtual Reality (VR) Headset
– Gaming Controller and Peripherals
– Electronic and Robotic Toys
– Smart Speaker
– Wireless Speaker
– Solid State Drive (SSD)
– Electronic Smart Lock
– Headsets/Headphones and Earbuds
– GPS Personal Navigation Device
• WLAN/Wi-Fi Access Point
• Video Doorbell
• Video Conference System

3 Description
The LP5815 is a 3-channel RGB LED driver with
autonomous animation engine control and controllable
Instant Blinking feature. The device has ultra-low
operation current with 0.1μA (typical) in shutdown
mode, 0.1mA (typical) when enable device and 0.2mA
(typical) when illuminate LEDs.
Both analog dimming and PWM dimming methods are
adopted to achieve powerful dimming performance.
The output current of each LED can be adjusted
with 256 steps from 0.1mA to 25.5mA or 0.2mA to
51mA. The 8-bits PWM generator enables smooth
and audible-noise-free dimming control for LED
brightness.
The autonomous animation engine can significantly
reduce the real-time loading of controller. Each LED
can be configured through the related registers to
realize vivid and fancy lighting effects.
The Instant Blinking via STAT pin control feature can
provide automatic blinking on OUT0 channel without
I2C communication after powering up.




Similar Part No. - LP5814

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP5814 TI1-LP5814 Datasheet
1Mb / 76P
LP5814 4-Channel I2C Interface RGBW LED Driver with Auto Animation Control
MARCH 2025
LP5814 TI1-LP5814 Datasheet
1Mb / 41P
LP5816 4-Channel I2C Interface RGBW LED Driver
MARCH 2025
LP5814 TI1-LP5814 Datasheet
1Mb / 40P
LP5817 3-Channel I2C Interface RGB LED Driver
MARCH 2025
LP5814DRL TI1-LP5814DRL Datasheet
1Mb / 76P
LP5814 4-Channel I2C Interface RGBW LED Driver with Auto Animation Control
MARCH 2025
LP5814DRLR TI1-LP5814DRLR Datasheet
1Mb / 76P
LP5814 4-Channel I2C Interface RGBW LED Driver with Auto Animation Control
MARCH 2025
More results


Similar Description - LP5814

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
MSL3085BT ATMEL-MSL3085BT Datasheet
1Mb / 20P
8-string White and RGB LED Driver with Adaptive Power Control, EEPROM, and I2C/SMBus Serial Interface
logo
Texas Instruments
LM3435 TI1-LM3435 Datasheet
979Kb / 25P
Compact Sequential Mode RGB LED Driver with I2C Control Interface
LM3435 TI1-LM3435_13 Datasheet
1Mb / 27P
Compact Sequential Mode RGB LED Driver with I2C Control Interface
LP5569 TI1-LP5569 Datasheet
983Kb / 86P
Nine-Channel I2C RGB LED Driver With Engine Control and Charge Pump
LP5569 TI1-LP5569_18 Datasheet
2Mb / 93P
Nine-Channel I2C RGB LED Driver With Engine Control and Charge Pump
logo
Kinetic Technologies.
KTD2026 KINETIC-KTD2026 Datasheet
749Kb / 21P
Constant Current RGB/White LED Driver with I2C Control
April 2020 - Revision 04h
KTD2052 KINETIC-KTD2052 Datasheet
1Mb / 29P
12-Channel RGB LED Drivers with I2C Control
October 2021 - Revision 04b
KTD2061 KINETIC-KTD2061 Datasheet
235Kb / 3P
36-Channel RGB LED Drivers with I2C Control
August 2022 - Revision 04e
KTD2061Q KINETIC-KTD2061Q Datasheet
142Kb / 2P
36-Channel RGB LED Drivers with I2C Control
August 2021 - Revision 04b
KTD2064 KINETIC-KTD2064 Datasheet
190Kb / 3P
24-Channel RGB LED Driver with I2C Control
August 2021 - Revision 04c
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com