Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP5814 Datasheet (PDF) - Texas Instruments

LP5814 Datasheet PDF - Texas Instruments
Part # LP5814
Download  LP5814 Download
File Size   1349.28 Kbytes
Page   41 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description LP5816 4-Channel I2C Interface RGBW LED Driver

LP5814 Datasheet (PDF)

Go To PDF Page Download Datasheet
LP5814 Datasheet PDF - Texas Instruments

Part # LP5814
Download  LP5814 Click to download

File Size   1349.28 Kbytes
Page   41 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description LP5816 4-Channel I2C Interface RGBW LED Driver

LP5814 Datasheet (HTML) - Texas Instruments


LP5814 Product details

1 Features
• Operating voltage range
– VCC range: 2.5V to 5.5V
– Logic pins compatible with 1.8V, 3.3V, and 5V
– Output voltage up to 5.5V
• 4 constant current sinks with high precision
– 0.1mA to 51mA per channel
– Device-to-device error: ±8% (max.)
– Channel-to-channel error: ±3% (max.)
– Ultra-low headroom voltage: 135mV (max.) at
25.5mA; 275mV (max.) at 51mA
• Ultra-low power consumption
– Shutdown: ISD = 0.1μA (typ.)
– Standby: ISTB = 22μA (typ.)
– Active:
• INOR = 0.15mA (typ.) when disable output
channel
• INOR = 0.23mA (typ.) when LED current =
25.5mA
• Analog dimming (current gain control)
– Global 1-bit Maximum Current (MC): 25.5mA or
51mA
– Individual 8-bits Dot Current (DC) setting
• PWM dimming up to audible-noise-free 23kHz
– Individual 8-bits PWM dimming resolution
– Linear or exponential dimming curves
• 400kHz (max.) I2C interface
• ESD: 4kV HBM, 1.5kV CDM
• Package
– 1.6mm*2.1mm SOT583-8 with 0.5mm pitch
– 1.36mm*0.8mm DSBGA-8 with 0.35mm pitch
• –40°C to 125°C operating temperature range

2 Applications
LED animation and indication for:
• Personal Electronics
– Virtual Reality (VR) Headset
– Gaming Controller and Peripherals
– Electronic and Robotic Toys
– Smart Speaker
– Wireless Speaker
– Solid State Drive (SSD)
– Electronic Smart Lock
– Headsets/Headphones and Earbuds
– GPS Personal Navigation Device
• WLAN/Wi-Fi Access Point
• Video Doorbell
• Video Conference System

3 Description
The LP5816 is a 4-channel RGBW LED driver. The
device has ultra-low operation current with 0.1μA
(typical) in shutdown mode, 0.1mA (typical) when
enable device and 0.2mA (typical) when illuminate
LEDs.
Both analog dimming and PWM dimming methods are
adopted to achieve powerful dimming performance.
The output current of each LED can be adjusted
with 256 steps from 0.1mA to 25.5mA or 0.2mA to
51mA. The 8-bits PWM generator enables smooth
and audible-noise-free dimming control for LED
brightness.




Similar Part No. - LP5814

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP5814 TI1-LP5814 Datasheet
1Mb / 76P
LP5814 4-Channel I2C Interface RGBW LED Driver with Auto Animation Control
MARCH 2025
LP5814 TI1-LP5814 Datasheet
1Mb / 76P
LP5815 3-Channel I2C Interface RGB LED Driver with Instant Blinking and Auto Animation Control
MARCH 2025
LP5814 TI1-LP5814 Datasheet
1Mb / 40P
LP5817 3-Channel I2C Interface RGB LED Driver
MARCH 2025
LP5814DRL TI1-LP5814DRL Datasheet
1Mb / 76P
LP5814 4-Channel I2C Interface RGBW LED Driver with Auto Animation Control
MARCH 2025
LP5814DRLR TI1-LP5814DRLR Datasheet
1Mb / 76P
LP5814 4-Channel I2C Interface RGBW LED Driver with Auto Animation Control
MARCH 2025
More results


Similar Description - LP5814

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA1064 PHILIPS-SAA1064 Datasheet
129Kb / 19P
4-digit LED-driver with I2C-Bus interface
February 1991
logo
Catalyst Semiconductor
CAT3626 CATALYST-CAT3626 Datasheet
807Kb / 14P
6-Channel LED Driver with I2C Interface
CAT3626 CATALYST-CAT3626_08 Datasheet
256Kb / 15P
6-Channel LED Driver with I2C??Interface
logo
ON Semiconductor
CAT3626HV4-T2 ONSEMI-CAT3626HV4-T2 Datasheet
216Kb / 15P
6-Channel LED Driver with I2C??Interface
Doc. No. MD-5014 Rev. E
CAT3626 ONSEMI-CAT3626 Datasheet
192Kb / 16P
6-Channel LED Driver with I2C Interface
March, 2010 ??Rev. 5
logo
NXP Semiconductors
SAA1064TD-T NXP-SAA1064TD-T Datasheet
115Kb / 19P
4-digit LED-driver with I2C-Bus interface
February 1991
logo
Vishay Siliconix
VEML6040 VISHAY-VEML6040 Datasheet
397Kb / 13P
RGBW Color Sensor with I2C Interface
21-Nov-16
VEML6040 VISHAY-VEML6040_V01 Datasheet
395Kb / 13P
RGBW Color Sensor with I2C Interface
21-Nov-16
VEML6040 VISHAY-VEML6040_V02 Datasheet
395Kb / 13P
RGBW Color Sensor with I2C Interface
21-Nov-16
logo
Kinetic Technologies.
KTD2042 KINETIC-KTD2042 Datasheet
853Kb / 18P
9-Channel RGBW LED Driver with Buck Regulator and I2C Interface
March 2023 - Revision 04a
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com