Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP5814 Datasheet (PDF) - Texas Instruments

LP5814 Datasheet PDF - Texas Instruments
Part # LP5814
Download  LP5814 Download
File Size   1363.4 Kbytes
Page   40 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description LP5817 3-Channel I2C Interface RGB LED Driver

LP5814 Datasheet (PDF)

Go To PDF Page Download Datasheet
LP5814 Datasheet PDF - Texas Instruments

Part # LP5814
Download  LP5814 Click to download

File Size   1363.4 Kbytes
Page   40 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description LP5817 3-Channel I2C Interface RGB LED Driver

LP5814 Datasheet (HTML) - Texas Instruments


LP5814 Product details

1 Features
• Operating voltage range
– VCC range: 2.5V to 5.5V
– Logic pins compatible with 1.8V, 3.3V, and 5V
– Output voltage up to 5.5V
• 3 constant current sinks with high precision
– 0.1mA to 51mA per channel
– Device-to-device error: ±8% (max.)
– Channel-to-channel error: ±3% (max.)
– Ultra-low headroom voltage: 135mV (max.) at
25.5mA; 275mV (max.) at 51mA
• Ultra-low power consumption
– Shutdown: ISD = 0.1μA (typ.)
– Standby: ISTB = 22μA (typ.)
– Active:
• INOR = 0.15mA (typ.) when disable output
channel
• INOR = 0.23mA (typ.) when LED current =
25.5mA
• Analog dimming (current gain control)
– Global 1-bit Maximum Current (MC): 25.5mA or
51mA
– Individual 8-bits Dot Current (DC) setting
• PWM dimming up to audible-noise-free 23kHz
– Individual 8-bits PWM dimming resolution
– Linear or exponential dimming curves
• 400kHz (max.) I2C interface
• ESD: 4kV HBM, 1.5kV CDM
• Package
– 1.6mm*2.1mm SOT583-8 with 0.5mm pitch
– 1.36mm*0.8mm DSBGA-8 with 0.35mm pitch
• –40°C to 125°C operating temperature range

2 Applications
LED animation and indication for:
• Personal Electronics
– Virtual Reality (VR) Headset
– Gaming Controller and Peripherals
– Electronic and Robotic Toys
– Smart Speaker
– Wireless Speaker
– Solid State Drive (SSD)
– Electronic Smart Lock
– Headsets/Headphones and Earbuds
– GPS Personal Navigation Device
• WLAN/Wi-Fi Access Point
• Video Doorbell
• Video Conference System

3 Description
The LP5817 is a 3-channel RGB LED driver. The
device has ultra-low operation current with 0.1μA
(typical) in shutdown mode, 0.15mA (typical) when
enable device and 0.2mA (typical) when illuminate
LEDs.
Both analog dimming and PWM dimming methods are
adopted to achieve powerful dimming performance.
The output current of each LED can be adjusted
with 256 steps from 0.1mA to 25.5mA or 0.2mA to
51mA. The 8-bits PWM generator enables smooth
and audible-noise-free dimming control for LED
brightness.




Similar Part No. - LP5814

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP5814 TI1-LP5814 Datasheet
1Mb / 76P
LP5814 4-Channel I2C Interface RGBW LED Driver with Auto Animation Control
MARCH 2025
LP5814 TI1-LP5814 Datasheet
1Mb / 76P
LP5815 3-Channel I2C Interface RGB LED Driver with Instant Blinking and Auto Animation Control
MARCH 2025
LP5814 TI1-LP5814 Datasheet
1Mb / 41P
LP5816 4-Channel I2C Interface RGBW LED Driver
MARCH 2025
LP5814DRL TI1-LP5814DRL Datasheet
1Mb / 76P
LP5814 4-Channel I2C Interface RGBW LED Driver with Auto Animation Control
MARCH 2025
LP5814DRLR TI1-LP5814DRLR Datasheet
1Mb / 76P
LP5814 4-Channel I2C Interface RGBW LED Driver with Auto Animation Control
MARCH 2025
More results


Similar Description - LP5814

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MBI1009 ETC1-MBI1009 Datasheet
152Kb / 8P
3-Channel RGB LED Lamp Driver
logo
Catalyst Semiconductor
CAT3626 CATALYST-CAT3626 Datasheet
807Kb / 14P
6-Channel LED Driver with I2C Interface
logo
ON Semiconductor
CAT4103V-GT2 ONSEMI-CAT4103V-GT2 Datasheet
243Kb / 13P
3-Channel Constant-Current RGB LED Driver
Doc. No. MD-5038, Rev. A
CAT4103 ONSEMI-CAT4103 Datasheet
162Kb / 13P
3-Channel Constant-Current RGB LED Driver
March, 2010 ??Rev. 1
logo
Texas Instruments
LM3435 TI1-LM3435 Datasheet
979Kb / 25P
Compact Sequential Mode RGB LED Driver with I2C Control Interface
LM3435 TI1-LM3435_13 Datasheet
1Mb / 27P
Compact Sequential Mode RGB LED Driver with I2C Control Interface
logo
ON Semiconductor
CAT4109 ONSEMI-CAT4109_15 Datasheet
187Kb / 10P
3-Channel Constant-Current RGB LED Driver
May, 2015 ??Rev. 6
logo
Shanghai awinic technol...
AW2013 AWINIC-AW2013 Datasheet
886Kb / 19P
AW2013 3-channel LED Driver with I2C Compatible Interface
logo
Kinetic Technologies.
KTD2064 KINETIC-KTD2064 Datasheet
190Kb / 3P
24-Channel RGB LED Driver with I2C Control
August 2021 - Revision 04c
logo
MOSDESIGN SEMICONDUCTOR...
M1355 MOSDESIGN-M1355 Datasheet
253Kb / 6P
3-CHANNEL RGB LED LAMP DRIVER
2009-12-17
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com