Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP35 Datasheet (PDF) - Sensata Technologies, Inc.

LP35 Datasheet PDF - Sensata Technologies, Inc.
Part # LP35
Download  LP35 Download
File Size   1169.38 Kbytes
Page   8 Pages
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.
Description LOW PROFILE EXPLOSION-PROOF / FLAMEPROOF ENCODER

LP35 Datasheet (PDF)

Go To PDF Page Download Datasheet
LP35 Datasheet PDF - Sensata Technologies, Inc.

Part # LP35
Download  LP35 Click to download

File Size   1169.38 Kbytes
Page   8 Pages
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.
Description LOW PROFILE EXPLOSION-PROOF / FLAMEPROOF ENCODER

LP35 Datasheet (HTML) - Sensata Technologies, Inc.


LP35 Product details

Features
• Designed for use in Class I, Div.1 & Zone 1 hazardous areas
• Low profile package saves space
• Excellent resistance to shock and vibration
• 30mm standard through shaft, PEEK reduction hub available
• High protection level of IP66
• High performance in temperatures from –40°C to +100°C
• Resolutions up to 10,000 PPR, incremental or 16 BITS absolute
• Terminal box with Conduit Termination
• Encapsulated electronics
• TTL and HTL electronics
• Reinforced electrical output available on some incremental and
absolute models
• Wiring fault tolerant with terminal box connection
• Long cable drive capability




Similar Part No. - LP35

ManufacturerPart #DatasheetDescription
logo
Sensata Technologies, I...
LP35 SENSATA-LP35 Datasheet
1Mb / 8P
LOW PROFILE EXPLOSION-PROOF / FLAMEPROOF ENCODER
LP35 SENSATA-LP35 Datasheet
1Mb / 12P
LOW PROFILE PROGRAMMABLE ENCODER
Rev.07/29/19
LP35 SENSATA-LP35 Datasheet
1Mb / 11P
LOW PROFILE INCREMENTAL OR ABSOLUTE ENCODER
Rev.07/22/19
LP35 SENSATA-LP35 Datasheet
2Mb / 12P
LOW PROFILE, NON-INCENDIVE INCREMENTAL OR ABSOLUTE ENCODER
Rev:03/28/22
logo
FLEXTRAL
LP35 FLEXTRAL-LP35 Datasheet
322Kb / 1P
LP35 LPG Gas Hose
V04.21
More results


Similar Description - LP35

ManufacturerPart #DatasheetDescription
logo
Allen-Bradley
440T-MERSE10 ALLEN-BRADLEY-440T-MERSE10 Datasheet
53Kb / 2P
Explosion-Proof
440K-H11145 ALLEN-BRADLEY-440K-H11145 Datasheet
59Kb / 2P
Explosion Proof
logo
Systemsensor advanced i...
WFD20EXP SYSTEMSENSOR-WFD20EXP Datasheet
108Kb / 2P
Explosion Proof Waterflow Detector
OSYEXP SYSTEMSENSOR-OSYEXP Datasheet
118Kb / 2P
Explosion Proof Supervisory Switch
logo
Gamewell-FCI by Honeywe...
XAL-53 GAMEWELL-FCI-XAL-53 Datasheet
202Kb / 2P
Explosion-Proof Pull Station
logo
ASM GmbH
WS100 ASM-SENSOR-WS100 Datasheet
580Kb / 8P
analog output Explosion-proof
WS10EX ASM-SENSOR-WS10EX Datasheet
274Kb / 5P
analog output Dust explosion-proof
logo
Systemsensor advanced i...
WFDEXP SYSTEMSENSOR-WFDEXP Datasheet
431Kb / 2P
Explosion Proof Waterflow Detector
logo
TT Electronics.
DS1432 TTELEC-DS1432 Datasheet
329Kb / 2P
Explosion Proof Flow Switch
logo
STEGO Elektrotechnik Gm...
CREX020-T3 STEGO-CREX020-T3 Datasheet
280Kb / 1P
EXPLOSION-PROOF ENCLOSURE HEATER
18.10.2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com