Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP35 Datasheet(PDF) 1 Page - Sensata Technologies, Inc.

Part # LP35
Description  LOW PROFILE EXPLOSION-PROOF / FLAMEPROOF ENCODER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.

LP35 Datasheet(HTML) 1 Page - Sensata Technologies, Inc.

  LP35 Datasheet HTML 1Page - Sensata Technologies, Inc. LP35 Datasheet HTML 2Page - Sensata Technologies, Inc. LP35 Datasheet HTML 3Page - Sensata Technologies, Inc. LP35 Datasheet HTML 4Page - Sensata Technologies, Inc. LP35 Datasheet HTML 5Page - Sensata Technologies, Inc. LP35 Datasheet HTML 6Page - Sensata Technologies, Inc. LP35 Datasheet HTML 7Page - Sensata Technologies, Inc. LP35 Datasheet HTML 8Page - Sensata Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Page 1
www.sensata.com
Copyright © 2022 Sensata Technologies, Inc.
MODEL LP35 | LP SERIES
LOW PROFILE EXPLOSION-PROOF / FLAMEPROOF ENCODER
SPECIFICATIONS
For the absolute version Serial Synchronous Interface SSI output provides effective synchronisation in a closed-loop control system. A clock pulse train
from a controller is used to shift out sensor data: one bit of position data is transmitted to the controller per clock pulse received by the sensor. Incremental
versions provide two channels in quadrature with complements and an index. Resolutuions up to 10,000 cpt are available.
Features
Introduction
Mechanical
Housing Size
124 mm x 156 mm x 52 mm (see dimensional drawings for other configurations)
Shaft Size
Hollow Shaft: Ø 1/2” to Ø 1” blind or through
Solid Shaft: Ø12 mm x 20 mm with keyway, Ø 3/8 “ x .78“ with flat
Hollow Shaft w/ Integrated Coupling: 14mm, 20mm, 1/2”, 3/4”
Permissible Shaft Loads
Axial: 40 N [9 lbs]
Radial: 80 N [18 lbs]
Shaft Runout
Hollow Shaft: 0.1 mm [0.004”] TIR
Solid Shaft: 0.02 mm [0.001”] TIR
Hollow Shaft w/ Integrated Coupling: N/A
Static/ Dynamic Torque
30 / 300 mN.m [4.2/ 42 oz-in] @ 25°C
Bearings
6807 - Sealed, deep groove ball bearing
Material
Cover: Hard anodized aluminum
Body: Hard anodized aluminum
Shaft : AISI 303 stainless steel
Bearing Life L
10h
(Theoretical Mechanical Lifetime)
> 18.109 turns / 100000 hours
Continuous Max. Speed(A)
6000 RPM, (Reference Chart 1. Speed vs Temperature)
Shaft Moment of Inertia
< 130 000 g.mm2 [18.4 x 10-3oz-in-sec2]
Weight (aprox.)
1.6 kg [56.5 oz]
• Designed for use in Class I, Div.1 & Zone 1 hazardous areas
• Low profile package saves space
• Excellent resistance to shock and vibration
• 30mm standard through shaft, PEEK reduction hub available
• High protection level of IP66
• High performance in temperatures from –40°C to +100°C
• Resolutions up to 10,000 PPR, incremental or 16 BITS absolute
• Terminal box with Conduit Termination
• Encapsulated electronics
• TTL and HTL electronics
• Reinforced electrical output available on some incremental and
absolute models
• Wiring fault tolerant with terminal box connection
• Long cable drive capability


Similar Part No. - LP35

ManufacturerPart #DatasheetDescription
logo
Sensata Technologies, I...
LP35 SENSATA-LP35 Datasheet
1Mb / 8P
LOW PROFILE EXPLOSION-PROOF / FLAMEPROOF ENCODER
LP35 SENSATA-LP35 Datasheet
1Mb / 12P
LOW PROFILE PROGRAMMABLE ENCODER
Rev.07/29/19
LP35 SENSATA-LP35 Datasheet
1Mb / 11P
LOW PROFILE INCREMENTAL OR ABSOLUTE ENCODER
Rev.07/22/19
LP35 SENSATA-LP35 Datasheet
2Mb / 12P
LOW PROFILE, NON-INCENDIVE INCREMENTAL OR ABSOLUTE ENCODER
Rev:03/28/22
logo
FLEXTRAL
LP35 FLEXTRAL-LP35 Datasheet
322Kb / 1P
LP35 LPG Gas Hose
V04.21
More results

Similar Description - LP35

ManufacturerPart #DatasheetDescription
logo
Allen-Bradley
440T-MERSE10 ALLEN-BRADLEY-440T-MERSE10 Datasheet
53Kb / 2P
Explosion-Proof
440K-H11145 ALLEN-BRADLEY-440K-H11145 Datasheet
59Kb / 2P
Explosion Proof
logo
Systemsensor advanced i...
WFD20EXP SYSTEMSENSOR-WFD20EXP Datasheet
108Kb / 2P
Explosion Proof Waterflow Detector
OSYEXP SYSTEMSENSOR-OSYEXP Datasheet
118Kb / 2P
Explosion Proof Supervisory Switch
logo
Gamewell-FCI by Honeywe...
XAL-53 GAMEWELL-FCI-XAL-53 Datasheet
202Kb / 2P
Explosion-Proof Pull Station
logo
ASM GmbH
WS100 ASM-SENSOR-WS100 Datasheet
580Kb / 8P
analog output Explosion-proof
WS10EX ASM-SENSOR-WS10EX Datasheet
274Kb / 5P
analog output Dust explosion-proof
logo
Systemsensor advanced i...
WFDEXP SYSTEMSENSOR-WFDEXP Datasheet
431Kb / 2P
Explosion Proof Waterflow Detector
logo
TT Electronics.
DS1432 TTELEC-DS1432 Datasheet
329Kb / 2P
Explosion Proof Flow Switch
logo
STEGO Elektrotechnik Gm...
CREX020-T3 STEGO-CREX020-T3 Datasheet
280Kb / 1P
EXPLOSION-PROOF ENCLOSURE HEATER
18.10.2022
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com