Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP35 Datasheet(PDF) 2 Page - Sensata Technologies, Inc.

Part # LP35
Description  LOW PROFILE EXPLOSION-PROOF / FLAMEPROOF ENCODER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.

LP35 Datasheet(HTML) 2 Page - Sensata Technologies, Inc.

  LP35 Datasheet HTML 1Page - Sensata Technologies, Inc. LP35 Datasheet HTML 2Page - Sensata Technologies, Inc. LP35 Datasheet HTML 3Page - Sensata Technologies, Inc. LP35 Datasheet HTML 4Page - Sensata Technologies, Inc. LP35 Datasheet HTML 5Page - Sensata Technologies, Inc. LP35 Datasheet HTML 6Page - Sensata Technologies, Inc. LP35 Datasheet HTML 7Page - Sensata Technologies, Inc. LP35 Datasheet HTML 8Page - Sensata Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
www.sensata.com
Page 2
Copyright © 2022 Sensata Technologies, Inc.
Protection Class (sealing)
IP65
Temperature Range
Operating
-40°C to +85°C
Storage
-40°C to +100°C
Mechanical Resistance
Shock
(EN60068-2-27): ≤ 3000m.s-2 (during 5 ms, half sine)
Vibration
(EN60068-2-6): ≤ 200m.s-2 (55 … 2 000 Hz)
Humidity
98% RH without condensation
Environmental
SPEED (RPM)
0
5
10
15
20
25
30
35
40
45
0
1000
2000
3000
4000
5000
6000
7000
Electrical
Absolute
Incremental
Output Format
SSI compatible (RS422)
Two channels in quadrature + index and complements
Resolution
Up to 16 BITS
Up to 10,000 CPT
Encoder Accuracy
±0.1°
Supply Voltage Vcl
5-30 Vdc
Supply Current (No Loads)
75mA Typ
Current Per Channel Pair
40mA max
Voltage / Output
28/SI: SSI RS485 w/o parity
28/SR: SSI RS485 reinforced w/o parity
28/V: Line driver 5-30 V In/Out; PushPull
28/5: Line driver with 5 V (TTL) regulated output
28/VR: Push Pull 11-30V reinforced
Short Circuit Proof
28/SI: Yes (except to V+)
28/SR: Yes
28/V: Yes
28/5: Yes (except to Vcl)
28/VR: Yes
Reverse Polarity Tolerant
Yes
Wiring Fault Tolerant & Overvoltage Prot.
28/SI: No
28/SR: Yes
28/V: No
28/5: No
28/VR: Yes Up to 60Vdc
Frequency Response
Up to 1MHz (28/V and 28/5)
Up to 300kHz (28/VR)
Output Terminations
Enclosed terminal block, with three conduit fitting options: M16, ½” NPT, ¾”NPT
EMC
EN 61000-6-2 : 2005, see user manual for details
EN 61000-6-4 : 2017 + A1 : 2011, see user manual for details
Isolation
1000V
Chart 1. Speed vs Temperature
(Temperature on this chart to be added to ambient temperature. Do not exceede maximum temperature on datasheet.)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com