Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AXARSPRSP Datasheet (PDF) - Infinite Electronics International, Inc.

AXARSPRSP Datasheet PDF - Infinite Electronics International, Inc.
Part # AXARSPRSP
Download  AXARSPRSP Download
File Size   123.91 Kbytes
Page   1 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description ADAPTER R.P. SMA-M/SMA-M BARREL TYPE

AXARSPRSP Datasheet (PDF)

Go To PDF Page Download Datasheet
AXARSPRSP Datasheet PDF - Infinite Electronics International, Inc.

Part # AXARSPRSP
Download  AXARSPRSP Click to download

File Size   123.91 Kbytes
Page   1 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description ADAPTER R.P. SMA-M/SMA-M BARREL TYPE

AXARSPRSP Datasheet (HTML) - Infinite Electronics International, Inc.


AXARSPRSP Product details

IMPEDANCE: 50 OHM
FREQUENCY RANGE: 0 ~6 GHz
INSERTION LOSS: .15 dB MAX.
VOLTAGE RATING: 500 VRMS MAX.
DIELECTRIC WITHSTANDING VOLTAGE: 1000 Vrms MIN.

COMPONENT SHALL BE INDIVIDUALLY PACKAGED IN
ACCORDANCE WITH L-COM SPECIFICATION PS-0031.




Similar Part No. - AXARSPRSP

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
AXARSJNFB L-COM-AXARSJNFB Datasheet
122Kb / 1P
ADP,RP-SMA JACK/N-FEMALE BLKHD
6/29/10
AXARSJRSJB L-COM-AXARSJRSJB Datasheet
130Kb / 1P
ADP,RP-SMA JACK/JACK BLKHD
4/21/10
More results


Similar Description - AXARSPRSP

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
SM-SM50 MINI-SM-SM50 Datasheet
49Kb / 1P
Adapter, SMA-M to SMA-M 50W DC to 18 GHz
NM-SM50+ MINI-NM-SM50+ Datasheet
135Kb / 1P
Coaxial Adapter, N-MALE to SMA-M
SM-BF50+ MINI-SM-BF50+ Datasheet
102Kb / 1P
Coaxial Adapter, SMA-M to BNC-F
logo
Pomona Electronics
4297 POMONA-4297 Datasheet
26Kb / 1P
Adapter, SMA (f) To Type ?쏯??(m)
logo
Mini-Circuits
SF-MQK50 MINI-SF-MQK50 Datasheet
215Kb / 1P
SMA-F to SMA-M
logo
Winchester Electronics ...
SD879-2-1 WINCHESTER-SD879-2-1 Datasheet
51Kb / 1P
SMA ADAPTER (M-M)
SD879-7-15 WINCHESTER-SD879-7-15 Datasheet
56Kb / 1P
ADAPTER TNC (F) TO SMA (M)
SD1209-1-15-MA9 WINCHESTER-SD1209-1-15-MA9 Datasheet
245Kb / 1P
ADAPTER, M-F N-SMA
logo
Mini-Circuits
SMPF-SM50 MINI-SMPF-SM50 Datasheet
206Kb / 2P
Adapter SMP-F to SMA-M
logo
PHOENIX CONTACT
2917324 PHOENIX-2917324 Datasheet
45Kb / 2P
Adapter - RAD-ADP-SMA/F-SMA/M-90
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com