Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AXARSPRSP Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # AXARSPRSP
Description  ADAPTER R.P. SMA-M/SMA-M BARREL TYPE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

AXARSPRSP Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  AXARSPRSP Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
.87
22.2
1/4-36UNS-2B
BOTH ENDS
.31
HEX
8.0
.22
FLATS
5.5
RoHS Compliant 
NOTES:
IMPEDANCE: 50 OHM
FREQUENCY RANGE: 0 ~6 GHz
INSERTION LOSS: .15 dB MAX.
VOLTAGE RATING: 500 VRMS MAX.
DIELECTRIC WITHSTANDING VOLTAGE: 1000 Vrms MIN.
COMPONENT SHALL BE INDIVIDUALLY PACKAGED IN
ACCORDANCE WITH L-COM SPECIFICATION PS-0031.
ALL DIMENSIONS ARE FOR REFERENCE ONLY.
DESCRIPTION
MATERIAL
FINISH
BODY
BRASS
NICKEL PLATE
PIN
BRASS
GOLD PLATE
DIELECTRIC
TEFLON
-
SHELL
BRASS
NICKEL PLATE
RETAINING RING
BRASS
NICKEL PLATE
GASKET
RUBBER
-
A
B
C
D
45 BEECHWOOD DRIVE
NORTH ANDOVER, MA
01845
SCALE:
SIZE
CAD FILE:
DWG. NO.
A
SHEET
OF
REV.
DATE
APPROVALS
DRAWN BY
CHECKED BY
APPROVED BY
1
2
3
4
5
6
7
8
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE
PROPERTY OF L-COM, INC. ANY REPRODUCTION IN PART OR WHOLE
WITHOUT THE WRITTEN PERMISSION OF L-COM, INC. IS PROHIBITED.
A
B
C
D
1
2
3
4
5
6
7
8
AXA-RSPRSP
B
AXA-RSPRSP.SLDDRW
1
1
P.PESA
3/1/05
REVISIONS
DESCRIPTION
APPROVED
REV
DATE
P.PESA
3/1/05
3/1/05
A
B
INITIAL RELEASE
ECN 5220: CREATE MODEL, NEW DRAWING FORMAT
2/7/11
PJP
D.FRISIELLO
CATEGORY
PRODUCT DESCRIPTION
DIMENSIONS ARE IN INCHES [mm]
CONFIGURATION DETAILS OF
UNDIMENSIONED FEATURES
MAY VARY
NONE
FSCM NO.
43321
ADAPTER R.P. SMA-M/SMA-M
BARREL TYPE
COAXIAL
PROJECTION
UNLESS OTHERWISE SPECIFIED,
J.C.
COLOR VARIATIONS
MAY OCCUR
3/1/05
OVERALL CABLE LENGTH TOLERANCE:
≤12 [305] = +1 [25] / -0
>12 [305] ≤60 [1524] = +2 [51] / -0
>60 [1524] ≤120 [3048] = +4 [102] / -0
>120 [3048] ≤300 [7620] = +6 [152] / -0
>300 [7620] = +5% / -0%
ALL OTHER DIMENSIONAL TOLERANCES:
.X = ± .2
.XX = ± .02
.XXX = ±.005


Similar Part No. - AXARSPRSP

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
AXARSJNFB L-COM-AXARSJNFB Datasheet
122Kb / 1P
ADP,RP-SMA JACK/N-FEMALE BLKHD
6/29/10
AXARSJRSJB L-COM-AXARSJRSJB Datasheet
130Kb / 1P
ADP,RP-SMA JACK/JACK BLKHD
4/21/10
More results

Similar Description - AXARSPRSP

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
SM-SM50 MINI-SM-SM50 Datasheet
49Kb / 1P
Adapter, SMA-M to SMA-M 50W DC to 18 GHz
NM-SM50+ MINI-NM-SM50+ Datasheet
135Kb / 1P
Coaxial Adapter, N-MALE to SMA-M
SM-BF50+ MINI-SM-BF50+ Datasheet
102Kb / 1P
Coaxial Adapter, SMA-M to BNC-F
logo
Pomona Electronics
4297 POMONA-4297 Datasheet
26Kb / 1P
Adapter, SMA (f) To Type ?쏯??(m)
logo
Mini-Circuits
SF-MQK50 MINI-SF-MQK50 Datasheet
215Kb / 1P
SMA-F to SMA-M
logo
Winchester Electronics ...
SD879-2-1 WINCHESTER-SD879-2-1 Datasheet
51Kb / 1P
SMA ADAPTER (M-M)
SD879-7-15 WINCHESTER-SD879-7-15 Datasheet
56Kb / 1P
ADAPTER TNC (F) TO SMA (M)
SD1209-1-15-MA9 WINCHESTER-SD1209-1-15-MA9 Datasheet
245Kb / 1P
ADAPTER, M-F N-SMA
logo
Mini-Circuits
SMPF-SM50 MINI-SMPF-SM50 Datasheet
206Kb / 2P
Adapter SMP-F to SMA-M
logo
PHOENIX CONTACT
2917324 PHOENIX-2917324 Datasheet
45Kb / 2P
Adapter - RAD-ADP-SMA/F-SMA/M-90
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com