Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CSD17308Q3 Datasheet (PDF) - Texas Instruments

CSD17308Q3 Datasheet PDF - Texas Instruments
Part # CSD17308Q3
Download  CSD17308Q3 Download
File Size   551.46 Kbytes
Page   13 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description CSD17308Q3 30-V N-Channel NexFET™ Power MOSFETs

CSD17308Q3 Datasheet (PDF)

Go To PDF Page Download Datasheet
CSD17308Q3 Datasheet PDF - Texas Instruments

Part # CSD17308Q3
Download  CSD17308Q3 Click to download

File Size   551.46 Kbytes
Page   13 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description CSD17308Q3 30-V N-Channel NexFET™ Power MOSFETs

CSD17308Q3 Datasheet (HTML) - Texas Instruments


CSD17308Q3 Product details

1 Features
1• Optimized for 5-V gate drive
• Ultra-low Qg and Qgd
• Low thermal resistance
• Avalanche rated
• Lead-free terminal plating
• RoHS compliant
• Halogen free
• VSON 3.3 mm × 3.3 mm plastic package

2 Applications
• Notebook point of load
• Point-of-load synchronous buck in networking,
telecom, and computing systems

3 Description
This 30-V, 8.2-mΩ, 3.3 mm × 3.3 mm VSON
NexFET™ power MOSFET is designed to minimize
losses in power conversion applications and
optimized for 5-V gate drive applications.




Similar Part No. - CSD17308Q3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD17308Q3 TI1-CSD17308Q3 Datasheet
523Kb / 11P
30V N-Channel NexFET??Power MOSFETs
CSD17308Q3 TI1-CSD17308Q3 Datasheet
412Kb / 13P
30-V N-Channel NexFET Power MOSFETs
CSD17308Q3T TI1-CSD17308Q3T Datasheet
412Kb / 13P
30-V N-Channel NexFET Power MOSFETs
CSD17308Q3 TI1-CSD17308Q3_15 Datasheet
412Kb / 13P
30-V N-Channel NexFET Power MOSFETs
More results


Similar Description - CSD17308Q3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD17551Q3A TI-CSD17551Q3A Datasheet
1Mb / 12P
30-V, N-Channel NexFET Power MOSFETs
CSD17552Q5A TI-CSD17552Q5A Datasheet
737Kb / 11P
30-V, N-Channel NexFET Power MOSFETs
CSD17381F4 TI-CSD17381F4 Datasheet
1Mb / 11P
30-V, N-Channel NexFET??Power MOSFETs
CSD17573Q5B TI-CSD17573Q5B_15 Datasheet
973Kb / 15P
CSD17573Q5B 30 V N-Channel NexFET Power MOSFETs
CSD17578Q3A TI-CSD17578Q3A_15 Datasheet
955Kb / 15P
CSD17578Q3A 30 V N-Channel NexFET Power MOSFETs
CSD17579Q5A TI-CSD17579Q5A_15 Datasheet
861Kb / 15P
CSD17579Q5A 30 V N-Channel NexFET Power MOSFETs
CSD17308Q3 TI1-CSD17308Q3_15 Datasheet
412Kb / 13P
30-V N-Channel NexFET Power MOSFETs
CSD17581Q3A TI1-CSD17581Q3A Datasheet
380Kb / 13P
30-V N-Channel NexFET Power MOSFETs
CSD87313DMS TI1-CSD87313DMS Datasheet
1Mb / 16P
30-V Dual N-Channel NexFET Power MOSFETs
CSD87503Q3E TI1-CSD87503Q3E Datasheet
485Kb / 12P
30-V N-Channel NexFET Power MOSFETs
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com