Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CSD17308Q3 Datasheet(PDF) 2 Page - Texas Instruments

Part # CSD17308Q3
Description  CSD17308Q3 30-V N-Channel NexFET™ Power MOSFETs
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CSD17308Q3 Datasheet(HTML) 2 Page - Texas Instruments

  CSD17308Q3 Datasheet HTML 1Page - Texas Instruments CSD17308Q3 Datasheet HTML 2Page - Texas Instruments CSD17308Q3 Datasheet HTML 3Page - Texas Instruments CSD17308Q3 Datasheet HTML 4Page - Texas Instruments CSD17308Q3 Datasheet HTML 5Page - Texas Instruments CSD17308Q3 Datasheet HTML 6Page - Texas Instruments CSD17308Q3 Datasheet HTML 7Page - Texas Instruments CSD17308Q3 Datasheet HTML 8Page - Texas Instruments CSD17308Q3 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
2
CSD17308Q3
SLPS262C – FEBRUARY 2010 – REVISED DECEMBER 2019
www.ti.com
Product Folder Links: CSD17308Q3
Submit Documentation Feedback
Copyright © 2010–2019, Texas Instruments Incorporated
Table of Contents
1
Features .................................................................. 1
2
Applications ........................................................... 1
3
Description ............................................................. 1
4
Revision History..................................................... 2
5
Specifications......................................................... 3
5.1
Electrical Characteristics........................................... 3
5.2
Thermal Information .................................................. 3
5.3
Typical MOSFET Characteristics .............................. 5
6
Device and Documentation Support.................... 8
6.1
Support Resources ................................................... 8
6.2
Trademarks ............................................................... 8
6.3
Electrostatic Discharge Caution ................................ 8
6.4
Glossary .................................................................... 8
7
Mechanical, Packaging, and Orderable
Information ............................................................. 9
7.1
Q3 Package Dimensions .......................................... 9
7.2
Recommended PCB Pattern................................... 10
7.3
Recommended Stencil Opening ............................. 10
7.4
Q3 Tape and Reel Information................................ 11
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision B (October 2015) to Revision C
Page
•
Changed VGS(th) MAX specification in the Electrical Characteristics table, From 1.8 V : To 1.6 V ........................................ 3
Changes from Revision A (February 2010) to Revision B
Page
•
Added part number to title ..................................................................................................................................................... 1
•
Added Package Limited Continuous Drain Current ............................................................................................................... 1
•
Added line for Power Dissipation, TC = 25°C in Absolute Maximum Ratings table ............................................................... 1
•
Updated pulsed current conditions ........................................................................................................................................ 1
•
Updated Figure 1 to show RθJC curves................................................................................................................................... 5
•
Added 4.5 V curve in Figure 8................................................................................................................................................ 6
•
Updated Figure 10 .................................................................................................................................................................. 7
•
Added the Device and Documentation Support section ........................................................................................................ 8
•
Updated the Mechanical, Packaging, and Orderable Information section ............................................................................. 9
Changes from Original (February 2010) to Revision A
Page
•
Deleted the Package Marking Information section............................................................................................................... 11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com