Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CSD17308Q3 Datasheet(PDF) 4 Page - Texas Instruments

Part # CSD17308Q3
Description  CSD17308Q3 30-V N-Channel NexFET™ Power MOSFETs
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CSD17308Q3 Datasheet(HTML) 4 Page - Texas Instruments

  CSD17308Q3 Datasheet HTML 1Page - Texas Instruments CSD17308Q3 Datasheet HTML 2Page - Texas Instruments CSD17308Q3 Datasheet HTML 3Page - Texas Instruments CSD17308Q3 Datasheet HTML 4Page - Texas Instruments CSD17308Q3 Datasheet HTML 5Page - Texas Instruments CSD17308Q3 Datasheet HTML 6Page - Texas Instruments CSD17308Q3 Datasheet HTML 7Page - Texas Instruments CSD17308Q3 Datasheet HTML 8Page - Texas Instruments CSD17308Q3 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
GATE
Source
DRAIN
M0161-01
GATE
Source
DRAIN
M0161-02
4
CSD17308Q3
SLPS262C – FEBRUARY 2010 – REVISED DECEMBER 2019
www.ti.com
Product Folder Links: CSD17308Q3
Submit Documentation Feedback
Copyright © 2010–2019, Texas Instruments Incorporated
Max RθJA = 58°C/W
when mounted on 1 in2
(6.45 cm2) of
2-oz (0.071-mm) thick
Cu.
Max RθJA = 165°C/W
when mounted on a
minimum pad area of
2-oz (0.071-mm) thick)
Cu.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com