Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA341 Datasheet (PDF) - Texas Instruments

OPA341 Datasheet PDF - Texas Instruments
Part # OPA341
Download  OPA341 Download
File Size   344.14 Kbytes
Page   17 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIER WITH SHUTDOWN microAmplifier ™ Series

OPA341 Datasheet (PDF)

Go To PDF Page Download Datasheet
OPA341 Datasheet PDF - Texas Instruments

Part # OPA341
Download  OPA341 Click to download

File Size   344.14 Kbytes
Page   17 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIER WITH SHUTDOWN microAmplifier ™ Series

OPA341 Datasheet (HTML) - Texas Instruments


OPA341 Product details

FEATURES
RAIL-TO-RAIL INPUT AND OUTPUT SWING
MicroSIZE PACKAGES
BANDWIDTH: 5.5MHz
SLEW RATE: 6V/μs
QUIESCENT CURRENT: 750μA/Chan
POWER SHUTDOWN MODE

APPLICATIONS
SENSOR BIASING
SIGNAL CONDITIONING
DATA ACQUISITION
PROCESS CONTROL
ACTIVE FILTERS
TEST EQUIPMENT

DESCRIPTION
The OPA341 series rail-to-rail CMOS operational amplifiers
are designed for low-cost, miniature applications. They are
optimized for low-voltage, single-supply operation. Rail-to-rail
input and output and high-speed operation make them ideal for
driving sampling Analog-to-Digital (A/D) converters.
The power-saving shutdown feature makes the OPA341
ideal for portable low-power applications. The OPA341
series is also well suited for general-purpose and audio
applications as well as providing I/V conversion at the
output of Digital-to-Analog (D/A) converters. Single and
dual versions have identical specifications for design flexibility.
The OPA341 series operate on a single supply as low as 2.5V,
and input common-mode voltage range extends 300mV beyond
the supply rails. Output voltage swings to within 1mV of the
supply rails with a 100kΩ load. The OPA341 series offers
excellent dynamic response (BW = 5.5MHz, SR = 6V/μs) with
quiescent current of only 750μA. The dual design features
completely independent circuitry for lowest crosstalk and freedom
from interaction.
The single (OPA341) packages are the tiny SOT23-6 surface
mount and SO-8 surface mount. The dual (OPA2341) comes
in the miniature MSOP-10 surface mount. All are specified
from –55°C to +125°C and operate from –55°C to +150°C.
The OPA343 provides similar performance without shutdown
capability.




Similar Part No. - OPA341

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA341 BURR-BROWN-OPA341 Datasheet
236Kb / 13P
SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIER WITH SHUTDOWN
OPA341 BURR-BROWN-OPA341 Datasheet
409Kb / 15P
SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIER WITH SHUTDOWN microAmplifier ??Series
logo
Texas Instruments
OPA341 TI1-OPA341 Datasheet
784Kb / 16P
SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIER WITH SHUTDOWN
logo
Burr-Brown (TI)
OPA341NA/250 BURR-BROWN-OPA341NA/250 Datasheet
236Kb / 13P
SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIER WITH SHUTDOWN
OPA341NA/250 BURR-BROWN-OPA341NA/250 Datasheet
409Kb / 15P
SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIER WITH SHUTDOWN microAmplifier ??Series
More results


Similar Description - OPA341

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA343 BURR-BROWN-OPA343 Datasheet
206Kb / 10P
SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
OPA341 BURR-BROWN-OPA341 Datasheet
236Kb / 13P
SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIER WITH SHUTDOWN
OPA340 BURR-BROWN-OPA340_06 Datasheet
709Kb / 20P
SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS MicroAmplifier TM Series
OPA341 BURR-BROWN-OPA341_08 Datasheet
409Kb / 15P
SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIER WITH SHUTDOWN microAmplifier ??Series
logo
Texas Instruments
OPA340NA-250 TI-OPA340NA-250 Datasheet
1Mb / 28P
SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS MicroAmplifier??Series
OPA2340TDF1 TI-OPA2340TDF1 Datasheet
80Kb / 5P
SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIER MicroAmplifier
OPA2343EA TI-OPA2343EA Datasheet
842Kb / 16P
SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS microAmplifier Series
OPA2343EA-2K5 TI-OPA2343EA-2K5 Datasheet
859Kb / 16P
SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS microAmplifier ??Series
OPA2343EA TI-OPA2343EA Datasheet
842Kb / 16P
SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS microAmplifier Series
OPA341 TI1-OPA341 Datasheet
784Kb / 16P
SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIER WITH SHUTDOWN
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com