Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA341 Datasheet(PDF) 2 Page - Texas Instruments

Part # OPA341
Description  SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIER WITH SHUTDOWN microAmplifier ™ Series
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA341 Datasheet(HTML) 2 Page - Texas Instruments

  OPA341 Datasheet HTML 1Page - Texas Instruments OPA341 Datasheet HTML 2Page - Texas Instruments OPA341 Datasheet HTML 3Page - Texas Instruments OPA341 Datasheet HTML 4Page - Texas Instruments OPA341 Datasheet HTML 5Page - Texas Instruments OPA341 Datasheet HTML 6Page - Texas Instruments OPA341 Datasheet HTML 7Page - Texas Instruments OPA341 Datasheet HTML 8Page - Texas Instruments OPA341 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
OPA341, 2341
2
SBOS202A
PACKAGE
SPECIFIED
DRAWING
PACKAGE
TEMPERATURE
PACKAGE
ORDERING
TRANSPORT
PRODUCT
PACKAGE
NUMBER
DESIGNATOR
RANGE
MARKING
NUMBER(1)
MEDIA
OPA341NA
SOT23-6
332
—–55
°C to +125°C
B41
OPA341NA/250
Tape and Reel
""
"
—
""
OPA341NA/3K
Tape and Reel
OPA341UA
SO-8
182
—–55
°C to +125°C
OPA341UA
OPA341UA
Rails
""
"
—
""
OPA341UA/2K5
Tape and Reel
OPA2341DGSA
MSOP-10
4073272
DGS
–55
°C to +125°C
C41
OPA2341DGSA/250
Tape and Reel
""
"
"
"
"
OPA2341DGSA/2K5
Tape and Reel
NOTE: (1) Models with a slash (/) are available only in Tape and Reel in the quantities indicated (e.g., /3K indicates 3000 devices per reel). Ordering 3000 pieces
of “OPA341NA/3K” will get a single 3000-piece Tape and Reel..
Supply Voltage, V+ to V– ................................................................... 6.0V
Input Voltage Range(2) ................................... (V–) – 0.5V to (V+) + 0.5V
Input Terminal(3) ............................................................................... 10mA
Output Short Circuit(3) .............................................................. Continuous
Operating Temperature .................................................. –55
°C to +150°C
Storage Temperature ..................................................... –65
°C to +150°C
Junction Temperature ...................................................................... 150
°C
Lead Temperature (soldering, 10s) ................................................. 300
°C
ABSOLUTE MAXIMUM RATINGS(1)
ELECTROSTATIC
DISCHARGE SENSITIVITY
This integrated circuit can be damaged by ESD. Texas Instru-
ments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling
and installation procedures can cause damage.
ESD damage can range from subtle performance degradation
to complete device failure. Precision integrated circuits may
be more susceptible to damage because very small parametric
changes could cause the device not to meet its published
specifications.
PACKAGE/ORDERING INFORMATION
NOTES: (1) Stresses above these ratings may cause permanent damage.
Exposure to absolute maximum conditions for extended periods may de-
grade device reliability. (2) Input terminals are diode-clamped to the power
supply rails. Input signals that can swing more than 0.5V beyond the supply
rails should be current-limited to 10mA or less. (3) Short-circuit to ground,
one amplifier per package.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com