Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA341 Datasheet(PDF) 4 Page - Texas Instruments

Part # OPA341
Description  SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIER WITH SHUTDOWN microAmplifier ™ Series
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA341 Datasheet(HTML) 4 Page - Texas Instruments

  OPA341 Datasheet HTML 1Page - Texas Instruments OPA341 Datasheet HTML 2Page - Texas Instruments OPA341 Datasheet HTML 3Page - Texas Instruments OPA341 Datasheet HTML 4Page - Texas Instruments OPA341 Datasheet HTML 5Page - Texas Instruments OPA341 Datasheet HTML 6Page - Texas Instruments OPA341 Datasheet HTML 7Page - Texas Instruments OPA341 Datasheet HTML 8Page - Texas Instruments OPA341 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
OPA341, 2341
4
SBOS202A
TYPICAL CHARACTERISTICS
At TA = +25°C, VENABLE = VDD, VS = +5V, RL = 10kΩ, unless otherwise noted.
OPEN-LOOP GAIN/PHASE vs FREQUENCY
0.1
1
160
140
120
100
80
60
40
20
0
–20
0
–45
–90
–135
–180
Frequency (Hz)
10
100
1k
10k
100k
1M
10M
POWER-SUPPLY AND COMMON-MODE
REJECTION vs FREQUENCY
100
80
60
40
20
0
Frequency (Hz)
1
10
100
1k
10k
100k
1M
PSRR
CMRR
V
CM = –0.3V to (V+) –1.8V
INPUT VOLTAGE AND CURRENT NOISE
SPECTRAL DENSITY vs FREQUENCY
10k
1k
100
10
1
1k
100
10
1
0.1
Frequency (Hz)
1
10
100
1k
10k
100k
1M
Current Noise
Voltage Noise
TOTAL HARMONIC DISTORTION + NOISE
vs FREQUENCY
0.1
0.01
0.001
0.0001
Frequency (Hz)
20
100
1k
10k
20k
R
L = 600
G = 10
G = 1
R
L = 2k
R
L = 2k
R
L = 10k
R
L = 600
R
L = 10k
CLOSED-LOOP OUTPUT RESISTANCE
vs FREQUENCY
20000
15000
10000
5000
0
Frequency (Hz)
10
1k
100k
1M
G = 100
G = 10
G = 1
CHANNEL SEPARATION vs FREQUENCY
Frequency (Hz)
150
140
130
120
110
100
90
80
70
60
100
10
1k
10k
100k
V
S = 2.7V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com