Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS3836 Datasheet (PDF) - Texas Instruments

TPS3836 Datasheet PDF - Texas Instruments
Part # TPS3836
Download  TPS3836 Download
File Size   483.15 Kbytes
Page   17 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description NANOPOWER SUPERVISORY CIRCUITS

TPS3836 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS3836 Datasheet PDF - Texas Instruments

Part # TPS3836
Download  TPS3836 Click to download

File Size   483.15 Kbytes
Page   17 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description NANOPOWER SUPERVISORY CIRCUITS

TPS3836 Datasheet (HTML) - Texas Instruments


TPS3836 Product details

Qualified for Automotive Applications
Customer-Specific Configuration Control
Can Be Supported Along With
Major-Change Approval
ESD Protection Exceeds 2000 V Per
MIL-STD-883, Method 3015; Exceeds 200 V
Using Machine Model (C = 200 pF, R = 0)
Supply Current of 220 nA (Typ)
Precision Supply Voltage Supervision
Range: 1.8 V, 2.5 V, 3.0 V, 3.3 V
Power-On Reset Generator With Selectable
Delay Time of 10 ms or 200 ms
Push/Pull RESET Output (TPS3836),
RESET Output (TPS3837), or
Open-Drain RESET Output (TPS3838)
Manual Reset
5-Pin SOT-23 Package
Temperature Range: −40°C to 125°C
Applications Include
− Applications Using Automotive
Low-Power DSPs, Microcontrollers, or
Microprocessors
− Battery-Powered Equipment
− Intelligent Instruments
− Wireless Communication Systems
− Automotive Systems

description
The TPS3836, TPS3837, TPS3838 families of
supervisory circuits provide circuit initialization
and timing supervision, primarily for DSP and
processor-based systems.
During power on, RESET is asserted when the supply voltage VDD becomes higher than 1.1 V. Thereafter, the
supervisory circuit monitors VDD and keeps RESET output active as long as VDD remains below the threshold
voltage VIT. An internal timer delays the return of the output to the inactive state (high) to ensure proper system
reset. The delay time starts after VDD has risen above the threshold voltage VIT.
When CT is connected to GND a fixed delay time of typical 10 ms is asserted. When connected to VDD the delay
time is typically 200 ms.
When the supply voltage drops below the threshold voltage VIT, the output becomes active (low) again.
All the devices of this family have a fixed-sense threshold voltage VIT set by an internal voltage divider.
The TPS3836 has an active-low push-pull RESET output. The TPS3837 has active-high push-pull RESET, and
TPS3838 integrates an active-low open-drain RESET output.




Similar Part No. - TPS3836

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3836 TI1-TPS3836 Datasheet
708Kb / 16P
NanoPower Supervisory Circuits
TPS3836 TI1-TPS3836 Datasheet
789Kb / 16P
NANOPOWER SUPERVISORY CIRCUITS
TPS3836 TI2-TPS3836 Datasheet
953Kb / 17P
NANOPOWER SUPERVISORY CIRCUITS
REVISED NOVEMBER 2008
TPS3836-EP TI1-TPS3836-EP Datasheet
789Kb / 16P
NANOPOWER SUPERVISORY CIRCUITS
TPS3836-Q1 TI1-TPS3836-Q1 Datasheet
839Kb / 18P
NANOPOWER SUPERVIDORY CIRCUITS
More results


Similar Description - TPS3836

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3836E18 TI-TPS3836E18 Datasheet
173Kb / 11P
NANOPOWER SUPERVISORY CIRCUITS
logo
Maxim Integrated Produc...
MAX6854 MAXIM-MAX6854 Datasheet
791Kb / 17P
Nanopower uP Supervisory Circuits with Manual Reset and Watchdog Timer
Rev 2; 9/04
logo
Texas Instruments
TPS3836E18-EP TI-TPS3836E18-EP Datasheet
400Kb / 15P
NANOPOWER SUPERVISORY CIRCUITS
logo
Maxim Integrated Produc...
MAX6864UK16D1L MAXIM-MAX6864UK16D1L Datasheet
495Kb / 17P
Nanopower μP Supervisory Circuits with Manual Reset and Watchdog Timer
Rev 4; 12/05
MAX6854UK16D3 MAXIM-MAX6854UK16D3 Datasheet
495Kb / 17P
Nanopower μP Supervisory Circuits with Manual Reset and Watchdog Timer
Rev 4; 12/05
MAX6854UK16D3-T MAXIM-MAX6854UK16D3-T Datasheet
495Kb / 17P
Nanopower μP Supervisory Circuits with Manual Reset and Watchdog Timer
Rev 4; 12/05
logo
ON Semiconductor
CAT8836 ONSEMI-CAT8836 Datasheet
113Kb / 7P
NanoPower Supervisory Circuit
January, 2011 ??Rev. 0
logo
Texas Instruments
TPS3836 TI1-TPS3836 Datasheet
708Kb / 16P
NanoPower Supervisory Circuits
TPS3836E18-EP TI1-TPS3836E18-EP_16 Datasheet
789Kb / 16P
NANOPOWER SUPERVISORY CIRCUITS
logo
Maxim Integrated Produc...
MAX16056 MAXIM-MAX16056_V01 Datasheet
695Kb / 17P
125nA nanoPower Supervisory Circuits with Capacitor-Adjustable Reset and Watchdog Timeouts
2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com