Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS3836 Datasheet (PDF) - Texas Instruments

TPS3836 Datasheet PDF - Texas Instruments
Part # TPS3836
Download  TPS3836 Download
File Size   953.45 Kbytes
Page   17 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description NANOPOWER SUPERVISORY CIRCUITS

TPS3836 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS3836 Datasheet PDF - Texas Instruments

Part # TPS3836
Download  TPS3836 Click to download

File Size   953.45 Kbytes
Page   17 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description NANOPOWER SUPERVISORY CIRCUITS

TPS3836 Datasheet (HTML) - Texas Instruments


TPS3836 Product details

1FEATURES
· ESD Protection Exceeds 2000 V Per
MIL-STD-883, Method 3015; Exceeds 200 V
Using Machine Model (C = 200 pF, R = 0)
· Supply Current of 220 nA (Typ)
· Precision Supply Voltage Supervision Range:
1.8 V, 2.5 V, 3 V, 3.3 V
· Power-On Reset Generator With Selectable
Delay Time of 10 ms or 200 ms
· Push/Pull RESET Output (TPS3836), RESET
Output (TPS3837), or
Open-Drain RESET Output (TPS3838)
· Manual Reset
· 5-Pin SOT-23 Package

SUPPORTS DEFENSE, AEROSPACE,
AND MEDICAL APPLICATIONS
· Controlled Baseline
· One Assembly/Test Site
· One Fabrication Site
· Available in Military (–55°C/125°C)
Temperature Range(1)
· Extended Product Life Cycle
· Extended Product-Change Notification
· Product Traceability

APPLICATIONS
· Applications Using Automotive Low-Power
DSPs, Microcontrollers, or Microprocessors
· Battery-Powered Equipment
· Intelligent Instruments
· Wireless Communication Systems
· Automotive Systems
(1) Custom temperature ranges available

DESCRIPTION
The TPS3836, TPS3837, TPS3838 families of supervisory circuits provide circuit initialization and timing
supervision, primarily for digital signal processing (DSP) and processor-based systems.
During power on, RESET is asserted when the supply voltage VDD becomes higher than 1.1 V. Thereafter, the
supervisory circuit monitors VDD and keeps RESET output active as long as VDD remains below the threshold
voltage (VIT). An internal timer delays the return of the output to the inactive state (high) to ensure proper system
reset. The delay time starts after VDD has risen above VIT.
When CT is connected to GND, a fixed delay time of typical 10 ms is asserted. When connected to VDD, the
delay time is typically 200 ms.




Similar Part No. - TPS3836

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3836 TI1-TPS3836 Datasheet
708Kb / 16P
NanoPower Supervisory Circuits
TPS3836 TI1-TPS3836 Datasheet
789Kb / 16P
NANOPOWER SUPERVISORY CIRCUITS
TPS3836 TI2-TPS3836 Datasheet
483Kb / 17P
NANOPOWER SUPERVISORY CIRCUITS
REVISED JANUARY 2007
TPS3836-EP TI1-TPS3836-EP Datasheet
789Kb / 16P
NANOPOWER SUPERVISORY CIRCUITS
TPS3836-EP TI2-TPS3836-EP Datasheet
483Kb / 17P
NANOPOWER SUPERVISORY CIRCUITS
REVISED JANUARY 2007
More results


Similar Description - TPS3836

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3836E18 TI-TPS3836E18 Datasheet
173Kb / 11P
NANOPOWER SUPERVISORY CIRCUITS
logo
Maxim Integrated Produc...
MAX6854 MAXIM-MAX6854 Datasheet
791Kb / 17P
Nanopower uP Supervisory Circuits with Manual Reset and Watchdog Timer
Rev 2; 9/04
logo
Texas Instruments
TPS3836E18-EP TI-TPS3836E18-EP Datasheet
400Kb / 15P
NANOPOWER SUPERVISORY CIRCUITS
logo
Maxim Integrated Produc...
MAX6864UK16D1L MAXIM-MAX6864UK16D1L Datasheet
495Kb / 17P
Nanopower μP Supervisory Circuits with Manual Reset and Watchdog Timer
Rev 4; 12/05
MAX6854UK16D3 MAXIM-MAX6854UK16D3 Datasheet
495Kb / 17P
Nanopower μP Supervisory Circuits with Manual Reset and Watchdog Timer
Rev 4; 12/05
MAX6854UK16D3-T MAXIM-MAX6854UK16D3-T Datasheet
495Kb / 17P
Nanopower μP Supervisory Circuits with Manual Reset and Watchdog Timer
Rev 4; 12/05
logo
ON Semiconductor
CAT8836 ONSEMI-CAT8836 Datasheet
113Kb / 7P
NanoPower Supervisory Circuit
January, 2011 ??Rev. 0
logo
Texas Instruments
TPS3836 TI1-TPS3836 Datasheet
708Kb / 16P
NanoPower Supervisory Circuits
TPS3836E18-EP TI1-TPS3836E18-EP_16 Datasheet
789Kb / 16P
NANOPOWER SUPERVISORY CIRCUITS
logo
Maxim Integrated Produc...
MAX16056 MAXIM-MAX16056_V01 Datasheet
695Kb / 17P
125nA nanoPower Supervisory Circuits with Capacitor-Adjustable Reset and Watchdog Timeouts
2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com