Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3685 Datasheet (PDF) - Adafruit Industries

3685 Datasheet PDF - Adafruit Industries
Part # 3685
Download  3685 Download
File Size   120.03 Kbytes
Page   2 Pages
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries
Description Adjustable 60W Pen‐Style Soldering Iron ‐ 120VAC USA Plug ‐ BEST 102C

3685 Datasheet (PDF)

Go To PDF Page Download Datasheet
3685 Datasheet PDF - Adafruit Industries

Part # 3685
Download  3685 Click to download

File Size   120.03 Kbytes
Page   2 Pages
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries
Description Adjustable 60W Pen‐Style Soldering Iron ‐ 120VAC USA Plug ‐ BEST 102C

3685 Datasheet (HTML) - Adafruit Industries




Similar Part No. - 3685

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
3685 BOURNS-3685 Datasheet
172Kb / 2P
Precision Potentiometer
3685 BOURNS-3685 Datasheet
178Kb / 2P
3680 Family - Precision Potentiometer
3685 BOURNS-3685 Datasheet
123Kb / 2P
Precision Potentiometer
logo
Heyco.
3685 HEYCO-3685 Datasheet
108Kb / 1P
Nylon PCB Supports - Stackable Self-Retaining Spacers
logo
Master Lock Company LLC...
3685 MASTERLOCK-3685 Datasheet
2Mb / 1P
COMPLETE SCHOOL SECURITY
07/18
More results


Similar Description - 3685

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SPG40 ETC2-SPG40 Datasheet
68Kb / 1P
Weller Replacement Soldering Iron, 40 watts, for WLC100 Soldering Station
FCN-KIT2 ETC2-FCN-KIT2 Datasheet
492Kb / 9P
Stable Stacked Metallized Film (PEN) Chips for Reflow Soldering
logo
MERITEK ELECTRONICS COR...
WL MERITEK-WL Datasheet
1Mb / 15P
Very strong solderability by flow soldering, soldering iron or wave soldering
logo
Cornell Dubilier Electr...
FCN CDE-FCN Datasheet
599Kb / 9P
Stable Stacked Metallized Film (PEN) Chips for Reflow Soldering
logo
PHOENIX CONTACT
2701379 PHOENIX-2701379 Datasheet
47Kb / 1P
Touch pen - TOUCH PEN
logo
List of Unclassifed Man...
TS100 ETC1-TS100 Datasheet
5Mb / 22P
Soldering Iron
SP40NKUS ETC1-SP40NKUS Datasheet
63Kb / 1P
Weller Soldering Iron Kit w/LEDs (40 Watt)
logo
Advantech Co., Ltd.
PS23VDC3P ADVANTECH-PS23VDC3P Datasheet
218Kb / 1P
Hardened AC Power Adapter, 12VDC, 36W, USA Plug
logo
SparkFun Electronics
TOL-14456 SPARKFUN-TOL-14456 Datasheet
106Kb / 1P
Soldering Iron ??60W (Adjustable Temperature)
11????7
logo
Analog Technologies, In...
ATAS80 ANALOGTECHNOLOGIES-ATAS80 Datasheet
373Kb / 7P
Auto Iron
3/22/2018
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com