Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3685 Datasheet(PDF) 2 Page - Adafruit Industries

Part # 3685
Description  Adjustable 60W Pen‐Style Soldering Iron ‐ 120VAC USA Plug ‐ BEST 102C
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

3685 Datasheet(HTML) 2 Page - Adafruit Industries

  3685 Datasheet HTML 1Page - Adafruit Industries 3685 Datasheet HTML 2Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
When you don't need a full soldering 'battle station', this pen‐type iron will work well, either on a 
bench‐top or in a tool box. It can handle any task you throw at it, and the handy control box sets the 
temperature. Once the soldering is complete and the iron has cooled off, you can easily coil it up to 
keep your work space clean and tidy. 
This soldering iron has an adjustable temperature range from 280ºC to 480ºC. For most lead‐free 
soldering, try 400°C. For lead‐based solder, 350°C will do. Adjust as necessary! It may not be as 
powerful or easy‐to‐use as the full stand‐up Hakko, but it is a lot more portable. We also carry a 
soldering iron stand (and a deluxe model as well) in case you want to keep it from rolling around your 
desk. 
Best of all, you can use this iron with Hakko tips. The tip it comes with is a nice general‐purpose conical 
tip for all through‐hole and larger‐SMT work. But if you want to spice things up, grab any Hakko tip and 
swap it out once the iron has cooled down. 
Technical Details 
o
Voltage: AC 110V USA plugs 
o
Temperature Control: 280ºC ~ 480ºC 
o
Power: 60W 
o
Cable Length: Approx. 130cm 
o
Insulation Resistance: > 100mΩ 
o
Capacitance: < 20 PF 
Product Weight: 114.0g / 4.0oz  
 
 
 
 
                                                https://www.adafruit.com/product/3685 1‐19‐18 



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com