Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3685 Datasheet(PDF) 1 Page - Adafruit Industries

Part # 3685
Description  Adjustable 60W Pen‐Style Soldering Iron ‐ 120VAC USA Plug ‐ BEST 102C
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

3685 Datasheet(HTML) 1 Page - Adafruit Industries

  3685 Datasheet HTML 1Page - Adafruit Industries 3685 Datasheet HTML 2Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
 
 
 
 
 
Adjustable 60W Pen‐Style Soldering Iron ‐ 120VAC 
USA Plug ‐ BEST 102C 
PRODUCT ID: 3685  
Description 
You re‐work hard all day, so treat yourself with the BEST portable Adjustable Soldering Iron we 
carry!  OK, "Best" may be subjective, but it's also the name of the brand, so there ya go! But, seriously 
folks, this is a really nice iron, good enough for every‐day use. We dig the slim pen iron (so comfortable 
to hold), adjustable‐temperature (oooh there's a little control box!), durable grounded cord, and fast 
60 Watt heat up! 


Similar Part No. - 3685

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
3685 BOURNS-3685 Datasheet
172Kb / 2P
Precision Potentiometer
3685 BOURNS-3685 Datasheet
178Kb / 2P
3680 Family - Precision Potentiometer
3685 BOURNS-3685 Datasheet
123Kb / 2P
Precision Potentiometer
logo
Heyco.
3685 HEYCO-3685 Datasheet
108Kb / 1P
Nylon PCB Supports - Stackable Self-Retaining Spacers
logo
Master Lock Company LLC...
3685 MASTERLOCK-3685 Datasheet
2Mb / 1P
COMPLETE SCHOOL SECURITY
07/18
More results

Similar Description - 3685

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SPG40 ETC2-SPG40 Datasheet
68Kb / 1P
Weller Replacement Soldering Iron, 40 watts, for WLC100 Soldering Station
FCN-KIT2 ETC2-FCN-KIT2 Datasheet
492Kb / 9P
Stable Stacked Metallized Film (PEN) Chips for Reflow Soldering
logo
MERITEK ELECTRONICS COR...
WL MERITEK-WL Datasheet
1Mb / 15P
Very strong solderability by flow soldering, soldering iron or wave soldering
logo
Cornell Dubilier Electr...
FCN CDE-FCN Datasheet
599Kb / 9P
Stable Stacked Metallized Film (PEN) Chips for Reflow Soldering
logo
PHOENIX CONTACT
2701379 PHOENIX-2701379 Datasheet
47Kb / 1P
Touch pen - TOUCH PEN
logo
List of Unclassifed Man...
TS100 ETC1-TS100 Datasheet
5Mb / 22P
Soldering Iron
SP40NKUS ETC1-SP40NKUS Datasheet
63Kb / 1P
Weller Soldering Iron Kit w/LEDs (40 Watt)
logo
Advantech Co., Ltd.
PS23VDC3P ADVANTECH-PS23VDC3P Datasheet
218Kb / 1P
Hardened AC Power Adapter, 12VDC, 36W, USA Plug
logo
SparkFun Electronics
TOL-14456 SPARKFUN-TOL-14456 Datasheet
106Kb / 1P
Soldering Iron ??60W (Adjustable Temperature)
11????7
logo
Analog Technologies, In...
ATAS80 ANALOGTECHNOLOGIES-ATAS80 Datasheet
373Kb / 7P
Auto Iron
3/22/2018
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com