Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0899055 Datasheet (PDF) - PHOENIX CONTACT

0899055 Datasheet PDF - PHOENIX CONTACT
Part # 0899055
Download  0899055 Download
File Size   356.86 Kbytes
Page   8 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description C S6 A 300X300X160 - Empty enclosure

0899055 Datasheet (PDF)

Go To PDF Page Download Datasheet
0899055 Datasheet PDF - PHOENIX CONTACT

Part # 0899055
Download  0899055 Click to download

File Size   356.86 Kbytes
Page   8 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description C S6 A 300X300X160 - Empty enclosure

0899055 Datasheet (HTML) - PHOENIX CONTACT


0899055 Product details

Empty enclosure, material: Stainless steel, 316L/1.4404, surface resistance: brushed, silvercolored,
300 mm x 300 mm x 160 mm, type of locking: Door with replaceable hinge, scope of
supply - ATD: Door hinge with quarter turn locking, Mounting panel, Double-bit key, Fixing angle
with mounting screws, M12 grounding bolts, affixed externally, Installation notes, Door hinge with
quarter turn locking




Similar Part No. - 0899055

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0899057 PHOENIX-0899057 Datasheet
353Kb / 8P
C S6 A 400X300X160 - Empty enclosure
More results


Similar Description - 0899055

ManufacturerPart #DatasheetDescription
logo
Panasonic Battery Group
ERJ-S6 PANASONICBATTERY-ERJ-S6 Datasheet
542Kb / 1P
ERJ-S6 Series Line Extension
logo
ATMEL Corporation
M67206F ATMEL-M67206F_14 Datasheet
77Kb / 5P
Empty Flag Parasitic Pulse
M672061F ATMEL-M672061F_14 Datasheet
77Kb / 5P
Empty Flag Parasitic Pulse
M67206H ATMEL-M67206H_14 Datasheet
69Kb / 4P
Empty Flag Parasitic Pulse
logo
Assmann Electronics Inc...
AB939-R ASSMANN-AB939-R Datasheet
61Kb / 1P
RS232 Empty Housing
logo
Weidmuller
0573300000 WEIDMULLER-0573300000 Datasheet
430Kb / 8P
Klippon K (aluminium empty enclosure) Empty enclosure Aluminium enclosure
September 13, 2021
logo
Schneider Electric
XAPL4 SCHNEIDER-XAPL4 Datasheet
111Kb / 2P
empty control station - XAP-L - plastic - 10 A - 600VAC
Feb 10, 2022
XACA06H7 SCHNEIDER-XACA06H7 Datasheet
89Kb / 3P
empty pendant control station XAC-A - 6 vertical openings
Aug 17, 2019
XACA08H7 SCHNEIDER-XACA08H7 Datasheet
87Kb / 3P
empty pendant control station XAC-A - 8 vertical openings
Aug 15, 2019
XAPA1101 SCHNEIDER-XAPA1101 Datasheet
109Kb / 2P
empty control station - XAP-A - plastic - 1 opening
Feb 25, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com