Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0899055 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0899055
Description  C S6 A 300X300X160 - Empty enclosure
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0899055 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0899055 Datasheet HTML 1Page - PHOENIX CONTACT 0899055 Datasheet HTML 2Page - PHOENIX CONTACT 0899055 Datasheet HTML 3Page - PHOENIX CONTACT 0899055 Datasheet HTML 4Page - PHOENIX CONTACT 0899055 Datasheet HTML 5Page - PHOENIX CONTACT 0899055 Datasheet HTML 6Page - PHOENIX CONTACT 0899055 Datasheet HTML 7Page - PHOENIX CONTACT 0899055 Datasheet HTML 8Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
Empty enclosure, material: Stainless steel, 316L/1.4404, surface resistance: brushed, silver-
colored, 300 mm x 300 mm x 160 mm, type of locking: Door with replaceable hinge, scope of
supply - ATD: Door hinge with quarter turn locking, Mounting panel, Double-bit key, Fixing angle
with mounting screws, M12 grounding bolts, affixed externally, Installation notes, Door hinge with
quarter turn locking
Your advantages
Innovative product range of high-quality stainless steel housings as the basis for individual terminal boxes
•
Reduced assembly and approval effort thanks to ready-equipped terminal boxes
•
Flange plates possible on four sides of the housing, including seal protection
•
Housing adjustments using threads, bore holes, and rectangular cutouts with consideration given to normative specifications
•
Commercial data
Item number
0899055
Packing unit
1 pc
Minimum order quantity
1 pc
Note
Made to order (non-returnable)
Sales key
BH91
Product key
BH9112
GTIN
4046356928168
Weight per piece (including packing)
5.62 kg
Weight per piece (excluding packing)
5.62 kg
Customs tariff number
94032080
Country of origin
DE
C S6 A 300X300X160 - Empty enclosure
0899055
https://www.phoenixcontact.com/us/products/0899055
Aug 25, 2025, 5:33AM
Page 1 (8)


Similar Part No. - 0899055

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0899057 PHOENIX-0899057 Datasheet
353Kb / 8P
C S6 A 400X300X160 - Empty enclosure
More results

Similar Description - 0899055

ManufacturerPart #DatasheetDescription
logo
Panasonic Battery Group
ERJ-S6 PANASONICBATTERY-ERJ-S6 Datasheet
542Kb / 1P
ERJ-S6 Series Line Extension
logo
ATMEL Corporation
M67206F ATMEL-M67206F_14 Datasheet
77Kb / 5P
Empty Flag Parasitic Pulse
M672061F ATMEL-M672061F_14 Datasheet
77Kb / 5P
Empty Flag Parasitic Pulse
M67206H ATMEL-M67206H_14 Datasheet
69Kb / 4P
Empty Flag Parasitic Pulse
logo
Assmann Electronics Inc...
AB939-R ASSMANN-AB939-R Datasheet
61Kb / 1P
RS232 Empty Housing
logo
Weidmuller
0573300000 WEIDMULLER-0573300000 Datasheet
430Kb / 8P
Klippon K (aluminium empty enclosure) Empty enclosure Aluminium enclosure
September 13, 2021
logo
Schneider Electric
XAPL4 SCHNEIDER-XAPL4 Datasheet
111Kb / 2P
empty control station - XAP-L - plastic - 10 A - 600VAC
Feb 10, 2022
XACA06H7 SCHNEIDER-XACA06H7 Datasheet
89Kb / 3P
empty pendant control station XAC-A - 6 vertical openings
Aug 17, 2019
XACA08H7 SCHNEIDER-XACA08H7 Datasheet
87Kb / 3P
empty pendant control station XAC-A - 8 vertical openings
Aug 15, 2019
XAPA1101 SCHNEIDER-XAPA1101 Datasheet
109Kb / 2P
empty control station - XAP-A - plastic - 1 opening
Feb 25, 2022
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com