Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0899055 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 0899055
Description  C S6 A 300X300X160 - Empty enclosure
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0899055 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  0899055 Datasheet HTML 1Page - PHOENIX CONTACT 0899055 Datasheet HTML 2Page - PHOENIX CONTACT 0899055 Datasheet HTML 3Page - PHOENIX CONTACT 0899055 Datasheet HTML 4Page - PHOENIX CONTACT 0899055 Datasheet HTML 5Page - PHOENIX CONTACT 0899055 Datasheet HTML 6Page - PHOENIX CONTACT 0899055 Datasheet HTML 7Page - PHOENIX CONTACT 0899055 Datasheet HTML 8Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Technical data
Product properties
Product type
Terminal box
Door hinge with quarter turn locking
Mounting panel
Double-bit key
Fixing angle with mounting screws
M12 grounding bolts, affixed externally
Scope of supply
Installation notes
Insulation characteristics
Protection class
I
Electrical properties
14 W (T6 up to 40 °C)
8.7 W (T6 up to 55 °C)
5.2 W (T6 up to 65 °C)
19.3 W (T5 up to 40 °C)
14 W (T5 up to 55 °C)
10.5 W (T5 up to 65 °C)
22.8 W (T4 up to 40 °C)
10.9 W (T4 up to 55 °C)
Maximum power dissipation
14 W (T4 up to 65 °C)
Dimensions
Dimensional drawing
Width
300 mm
Height
300 mm
Depth
160 mm
Clearance width, maximum DIN rail length
244 mm
Max. material thickness
1.5 mm
Material specifications
Color
silver-colored
Material
Stainless steel, 316L/1.4404
Seal material
Silicon
Surface characteristics
brushed
C S6 A 300X300X160 - Empty enclosure
0899055
https://www.phoenixcontact.com/us/products/0899055
Aug 25, 2025, 5:33AM
Page 2 (8)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com