Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INA139NA/3K Datasheet (PDF) - Texas Instruments

INA139NA/3K Datasheet PDF - Texas Instruments
Part # INA139NA/3K
Download  INA139NA/3K Download
File Size   1148.15 Kbytes
Page   28 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description INA1x9 High-Side Measurement Current Shunt Monitor

INA139NA/3K Datasheet (PDF)

Go To PDF Page Download Datasheet
INA139NA/3K Datasheet PDF - Texas Instruments

Part # INA139NA/3K
Download  INA139NA/3K Click to download

File Size   1148.15 Kbytes
Page   28 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description INA1x9 High-Side Measurement Current Shunt Monitor

INA139NA/3K Datasheet (HTML) - Texas Instruments


INA139NA/3K Product details

1 Features
1• Complete Unipolar High-Side Current
Measurement Circuit
• Wide Supply and Common-Mode Range
• INA139: 2.7 V to 40 V
• INA169: 2.7 V to 60 V
• Independent Supply and Input Common-Mode
Voltages
• Single Resistor Gain Set
• Low Quiescent Current: 60 μA (Typical)
• 5-Pin, SOT-23 Packages

2 Applications
• Current Shunt Measurement:
– Automotive, Telephone, Computers
• Portable and Battery-Backup Systems
• Battery Chargers
• Power Management
• Cell Phones
• Precision Current Source

3 Description
The INA139 and INA169 are high-side, unipolar,
current shunt monitors. Wide input common-mode
voltage range, high-speed, low quiescent current, and
tiny SOT-23 packaging enable use in a variety of
applications.
Input common-mode and power-supply voltages are
independent and can range from 2.7 V to 40 V for the
INA139 and 2.7 V to 60 V for the INA169. Quiescent
current is only 60 μA, which permits connecting the
power supply to either side of the current
measurement shunt with minimal error.
The device converts a differential input voltage to a
current output. This current is converted back to a
voltage with an external load resistor that sets any
gain from 1 to over 100. Although designed for
current shunt measurement, the circuit invites
creative applications in measurement and level
shifting.
Both the INA139 and INA169 are available in 5-pin
SOT-23 packages. The INA139 device is specified for
the –40°C to +125°C temperature range, and the
INA169 is specified from –40°C to +85°C.




Similar Part No. - INA139NA/3K

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA139NA/3K TI-INA139NA/3K Datasheet
200Kb / 11P
High-Side Measurement CURRENT SHUNT MONITOR
INA139NA/3K TI1-INA139NA/3K Datasheet
950Kb / 25P
High-Side Measurement Current Shunt Monitor
INA139NA/3KG4 TI1-INA139NA/3KG4 Datasheet
950Kb / 25P
High-Side Measurement Current Shunt Monitor
INA139NA/3KQ1 TI-INA139NA/3KQ1 Datasheet
157Kb / 12P
HIGH SIDE MEASUREMENT CURRENT SHUNT MONITOR
More results


Similar Description - INA139NA/3K

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
INA138 BURR-BROWN-INA138 Datasheet
69Kb / 7P
High-Side Measurement CURRENT SHUNT MONITOR
logo
Texas Instruments
INA139 TI-INA139 Datasheet
200Kb / 11P
High-Side Measurement CURRENT SHUNT MONITOR
INA169-Q1 TI-INA169-Q1 Datasheet
157Kb / 12P
HIGH SIDE MEASUREMENT CURRENT SHUNT MONITOR
INA138-Q1 TI1-INA138-Q1 Datasheet
1Mb / 19P
HIGH-SIDE MEASUREMENT CURRENT SHUNT MONITOR
logo
Burr-Brown (TI)
INA138 BURR-BROWN-INA138_11 Datasheet
466Kb / 15P
High-Side Measurement CURRENT SHUNT MONITOR
logo
Texas Instruments
INA138NA250G4 TI1-INA138NA250G4 Datasheet
422Kb / 15P
High-Side Measurement CURRENT SHUNT MONITOR
INA139NA TI-INA139NA Datasheet
408Kb / 15P
High-Side Measurement CURRENT SHUNT MONITOR
INA139-Q1 TI-INA139-Q1_15 Datasheet
1Mb / 16P
HIGH-SIDE MEASUREMENT CURRENT SHUNT MONITOR
INA138 TI1-INA138_14 Datasheet
1Mb / 27P
High-Side Measurement Current Shunt Monitor
INA139 TI1-INA139_17 Datasheet
950Kb / 25P
High-Side Measurement Current Shunt Monitor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com