Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INA139NA/3K Datasheet(PDF) 9 Page - Texas Instruments

Part # INA139NA/3K
Description  INA1x9 High-Side Measurement Current Shunt Monitor
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA139NA/3K Datasheet(HTML) 9 Page - Texas Instruments

Back Button INA139NA/3K Datasheet HTML 5Page - Texas Instruments INA139NA/3K Datasheet HTML 6Page - Texas Instruments INA139NA/3K Datasheet HTML 7Page - Texas Instruments INA139NA/3K Datasheet HTML 8Page - Texas Instruments INA139NA/3K Datasheet HTML 9Page - Texas Instruments INA139NA/3K Datasheet HTML 10Page - Texas Instruments INA139NA/3K Datasheet HTML 11Page - Texas Instruments INA139NA/3K Datasheet HTML 12Page - Texas Instruments INA139NA/3K Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
OUTMAX
IN
V
V
0.5 V
OUTMAX
IN
IN
V
V
0.7 V
V
V
VIN+
VIN-
V+
OUT
GND
Copyright © 2017, Texas Instruments Incorporated
9
INA139, INA169
www.ti.com
SBOS181F – DECEMBER 2000 – REVISED FEBRUARY 2017
Product Folder Links: INA139 INA169
Submit Documentation Feedback
Copyright © 2000–2017, Texas Instruments Incorporated
7 Detailed Description
7.1 Overview
The INA139 and INA169 devices are comprised of a high voltage, precision operational amplifier, precision thin
film resistors trimmed in production to an absolute tolerance and a low noise output transistor. The INA139 and
INA169 devices can be powered from a single power supply and their input voltages can exceed the power
supply voltage. The INA139 and INA169 devices are ideal for measuring small differential voltages, such as
those generated across a shunt resistor in the presence of large, common-mode voltages. See the Functional
Block Diagram, which illustrates the functional components within both the INA139 and INA169 devices.
7.2 Functional Block Diagram
7.3 Feature Description
7.3.1 Output Voltage Range
The output of the INA139 is a current, which is converted to a voltage by the load resistor (RL). The output
current remains accurate within the compliance voltage range of the output circuitry. The shunt voltage and the
input common-mode and power-supply voltages limit the maximum possible output swing. The maximum output
voltage compliance is limited by the lower of Equation 1 and Equation 2.
(1)
or whichever is lower
(2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com