Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INA139NA/3K Datasheet(PDF) 19 Page - Texas Instruments

Part # INA139NA/3K
Description  INA1x9 High-Side Measurement Current Shunt Monitor
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA139NA/3K Datasheet(HTML) 19 Page - Texas Instruments

Back Button INA139NA/3K Datasheet HTML 15Page - Texas Instruments INA139NA/3K Datasheet HTML 16Page - Texas Instruments INA139NA/3K Datasheet HTML 17Page - Texas Instruments INA139NA/3K Datasheet HTML 18Page - Texas Instruments INA139NA/3K Datasheet HTML 19Page - Texas Instruments INA139NA/3K Datasheet HTML 20Page - Texas Instruments INA139NA/3K Datasheet HTML 21Page - Texas Instruments INA139NA/3K Datasheet HTML 22Page - Texas Instruments INA139NA/3K Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
OUT
V+
VIN+
VIN-
PCB Pad
0.1 µF
VIA to Ground Plane
Supply Voltage
Output
PCB Pad
To Bus
Voltage
To Load
RL
GND
RSHUNT
INA139
INA169
Copyright © 2017, Texas Instruments Incorporated
19
INA139, INA169
www.ti.com
SBOS181F – DECEMBER 2000 – REVISED FEBRUARY 2017
Product Folder Links: INA139 INA169
Submit Documentation Feedback
Copyright © 2000–2017, Texas Instruments Incorporated
10 Layout
10.1 Layout Guidelines
Figure 19 shows the basic connection of the INA139. The input pins (VIN+ and VIN–) must be connected as
closely as possible to the shunt resistor to minimize any resistance in series with the shunt resistance. The
output resistor, RL, is shown connected between pin 1 and ground. Best accuracy is achieved with the output
voltage measured directly across RL. This is especially important in high-current systems where load current
could flow in the ground connections, affecting the measurement accuracy.
No power-supply bypass capacitors are required for stability of the INA139. However, applications with noisy or
high-impedance power supplies may require decoupling capacitors to reject power-supply noise; connect the
bypass capacitors close to the device pins.
10.2 Layout Example
Figure 19. Typical Layout Example



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com