Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INA139NA/3K Datasheet(PDF) 15 Page - Texas Instruments

Part # INA139NA/3K
Description  INA1x9 High-Side Measurement Current Shunt Monitor
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA139NA/3K Datasheet(HTML) 15 Page - Texas Instruments

Back Button INA139NA/3K Datasheet HTML 11Page - Texas Instruments INA139NA/3K Datasheet HTML 12Page - Texas Instruments INA139NA/3K Datasheet HTML 13Page - Texas Instruments INA139NA/3K Datasheet HTML 14Page - Texas Instruments INA139NA/3K Datasheet HTML 15Page - Texas Instruments INA139NA/3K Datasheet HTML 16Page - Texas Instruments INA139NA/3K Datasheet HTML 17Page - Texas Instruments INA139NA/3K Datasheet HTML 18Page - Texas Instruments INA139NA/3K Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
V
O
R
2
R
1
1
V
O
R
L
1
REF200
100 µA
V+
V
R
INA139
3
4
INA139
3
4
Copyright © 2017, Texas Instruments Incorporated
40
30
20
10
0
–10
–20
100
1k
10k
100k
1M
10M
Frequency (Hz)
R
L = 10 kΩ
R
L = 100 kΩ
R
L = 1 kΩ
15
INA139, INA169
www.ti.com
SBOS181F – DECEMBER 2000 – REVISED FEBRUARY 2017
Product Folder Links: INA139 INA169
Submit Documentation Feedback
Copyright © 2000–2017, Texas Instruments Incorporated
Typical Applications (continued)
8.2.2.3 Application Curve
Figure 13. Gain vs Frequency
8.2.3 Offsetting the Output Voltage
For many applications using only a single power supply, it may be required to level shift the output voltage away
from ground when there is no load current flowing in the shunt resistor. Level shifting the output of the INA139 or
INA169 devices is easily accomplished by one of two simple methods shown in Figure 14. The method on the
left hand side of Figure 14 illustrates a simple voltage divider method. This method is useful for applications that
require the output of the INA139 or INA169 devices to remain centered with respect to the power supply at zero
load current through the shunt resistor. Using this method the gain is determined by the parallel combination of
R1 and R2, while the output offset is determined by the voltage divider ratio R1 and R2. For applications that may
require a fixed value of output offset independent of the power supply voltage, TI recommends using the current
source method shown on the right hand side of Figure 14 . With this method, a REF200 constant current source
is used to generate a constant output offset. Using this method. the gain is determined by RL and the offset is
determined by the product of the value of the current source and RL.
(1)
Gain set by R1 || R2. Output offset = (VR) R2 / (R1 + R2) using resistor divider.
(2)
Gain set by RL. Output offset = 100 µA × RL (independent of V+) using current source.
Figure 14. Offsetting the Output Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com