Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INA139NA/3K Datasheet(PDF) 17 Page - Texas Instruments

Part # INA139NA/3K
Description  INA1x9 High-Side Measurement Current Shunt Monitor
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA139NA/3K Datasheet(HTML) 17 Page - Texas Instruments

Back Button INA139NA/3K Datasheet HTML 13Page - Texas Instruments INA139NA/3K Datasheet HTML 14Page - Texas Instruments INA139NA/3K Datasheet HTML 15Page - Texas Instruments INA139NA/3K Datasheet HTML 16Page - Texas Instruments INA139NA/3K Datasheet HTML 17Page - Texas Instruments INA139NA/3K Datasheet HTML 18Page - Texas Instruments INA139NA/3K Datasheet HTML 19Page - Texas Instruments INA139NA/3K Datasheet HTML 20Page - Texas Instruments INA139NA/3K Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
REF
Serial
I/O
ADS7870
Clock
Divider
Oscillator
BUF
OUT
BUF
IN
REF
OUT
12-Bit
A/D
Converter
BUF
MUX
Digital
I/O
PGIA
5 V
1
2
5 V
5
4
3
1
2
5 V
5
4
3
R
S
RL
25 k
RL
25 k
V+
INA139
INA139
The A/D converter is programmed for differential input.
Depending on the polarity of the current, one INA139 provides
an output voltage whereas the output of the other is zero.
Ω
Ω
Copyright © 2017, Texas Instruments Incorporated
Time
Load Current
Output
Sign
17
INA139, INA169
www.ti.com
SBOS181F – DECEMBER 2000 – REVISED FEBRUARY 2017
Product Folder Links: INA139 INA169
Submit Documentation Feedback
Copyright © 2000–2017, Texas Instruments Incorporated
Typical Applications (continued)
8.2.4.1 Application Curve
Figure 16. Bipolar Current Measurement Results (Arbitrary Scale)
8.2.5 Bipolar Current Measurement Using a Differential Input of the A/D Converter
The INA139 or INA169 devices can be used with an ADC such as the ADS7870 programmed for differential
mode operation. Figure 17 illustrates this configuration. In this configuration, the use of two devices allows for
bidirectional current measurement. Depending upon the polarity of the current, one of the devices provides an
output voltage while the other output is zero. In this way, the ADC reads the polarity of current directly, without
requiring additional circuitry.
Figure 17. Bipolar Current Measurement Using a Differential Input of the A/D Converter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com