Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INA139NA/3K Datasheet(PDF) 12 Page - Texas Instruments

Part # INA139NA/3K
Description  INA1x9 High-Side Measurement Current Shunt Monitor
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA139NA/3K Datasheet(HTML) 12 Page - Texas Instruments

Back Button INA139NA/3K Datasheet HTML 8Page - Texas Instruments INA139NA/3K Datasheet HTML 9Page - Texas Instruments INA139NA/3K Datasheet HTML 10Page - Texas Instruments INA139NA/3K Datasheet HTML 11Page - Texas Instruments INA139NA/3K Datasheet HTML 12Page - Texas Instruments INA139NA/3K Datasheet HTML 13Page - Texas Instruments INA139NA/3K Datasheet HTML 14Page - Texas Instruments INA139NA/3K Datasheet HTML 15Page - Texas Instruments INA139NA/3K Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
I
S
OPA340
INA139
3
4
Z
IN
R
L
Copyright © 2017, Texas Instruments Incorporated
VOLTAGE GAIN
EXACT R L ( Ω )
NEAREST 1% R L (Ω )
1
1k
1k
2
2k
2k
5
5k
4.99k
10
10k
10k
20
20k
20k
50
50k
49k
100
100k
100k
Shunt
R
S
INA139
2
1
OUT
Q1
R
L
I
O
+
V
O
–
Load
R
G1
1kΩ
R
G2
1kΩ
V
IN+
V
IN–
3
4
I
S
V+
5
V+ power can be
common or
independent of
load supply.
2.7 V≤ (V+) ≤ 40 V(1)
V
P
Load Power Supply
2.7 V to 40 V (1)
Copyright © 2017, Texas Instruments Incorporated
12
INA139, INA169
SBOS181F – DECEMBER 2000 – REVISED FEBRUARY 2017
www.ti.com
Product Folder Links: INA139 INA169
Submit Documentation Feedback
Copyright © 2000–2017, Texas Instruments Incorporated
Application Information (continued)
(1)
For the INA169 device, maximum VP and V+ voltage is 60 V.
Figure 9. Basic Circuit Connections
8.2 Typical Applications
The INA139 is designed for current shunt measurement circuits, as shown in Figure 9, but its basic function is
useful in a wide range of circuitry. A creative engineer will find many unforeseen uses in measurement and level
shifting circuits. A few ideas are illustrated in Figure 14 through Figure 18.
8.2.1 Buffering Output to Drive an ADC
(1)
Buffer of amp drives the A/D converter without effecting gain
Figure 10. Buffering Output to Drive the A/D Converter
8.2.1.1 Design Requirements
Digitize the output of the INA139 or INA169 devices using a 1-MSPS analog-to-digital converter (ADC).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com