Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INA139NA/3K Datasheet(PDF) 16 Page - Texas Instruments

Part # INA139NA/3K
Description  INA1x9 High-Side Measurement Current Shunt Monitor
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA139NA/3K Datasheet(HTML) 16 Page - Texas Instruments

Back Button INA139NA/3K Datasheet HTML 12Page - Texas Instruments INA139NA/3K Datasheet HTML 13Page - Texas Instruments INA139NA/3K Datasheet HTML 14Page - Texas Instruments INA139NA/3K Datasheet HTML 15Page - Texas Instruments INA139NA/3K Datasheet HTML 16Page - Texas Instruments INA139NA/3K Datasheet HTML 17Page - Texas Instruments INA139NA/3K Datasheet HTML 18Page - Texas Instruments INA139NA/3K Datasheet HTML 19Page - Texas Instruments INA139NA/3K Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
VIN+
VIN-
OUT
V+
GND
VIN+
VIN-
OUT
V+
GND
1
+
INA139
or
INA169
INA139
or
INA169
1N4148
1N4148
10 k
10 k
20 k
Sign
Output
TLV3201
+5 V
5 V
Bus
Voltage
Load
Current
RSH
+/-1 A
Load Curent
1 k
1 k
1 k
1 k
+
Copyright © 2017, Texas Instruments Incorporated
16
INA139, INA169
SBOS181F – DECEMBER 2000 – REVISED FEBRUARY 2017
www.ti.com
Product Folder Links: INA139 INA169
Submit Documentation Feedback
Copyright © 2000–2017, Texas Instruments Incorporated
Typical Applications (continued)
8.2.4 Bipolar Current Measurement
The INA139 or INA169 devices can be configured as shown in Figure 15 in applications where measuring current
bi-directionally is required. Two INA devices are required connecting their inputs across the shunt resistor as
shown in Figure 15. A comparator, such as the TLV3201, is used to detect the polarity of the load current. The
magnitude of the load current is monitored across the resistor connected between ground and the connection
labeled Output. In this example the 20-kΩ resistor results in a gain of 20 V/V. The 10-kΩ resistors connected in
series with the INA139 or INA169 output current are used to develop a voltage across the comparator inputs.
Two diodes are required to prevent current flow into the INA139 or INA169 output, as only one device at a time is
providing current to the Output connection of the circuit. The circuit functionality is illustrated in Figure 16.
Figure 15. Bipolar Current Measurement



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com