Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INA139NA/3K Datasheet(PDF) 6 Page - Texas Instruments

Part # INA139NA/3K
Description  INA1x9 High-Side Measurement Current Shunt Monitor
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA139NA/3K Datasheet(HTML) 6 Page - Texas Instruments

Back Button INA139NA/3K Datasheet HTML 2Page - Texas Instruments INA139NA/3K Datasheet HTML 3Page - Texas Instruments INA139NA/3K Datasheet HTML 4Page - Texas Instruments INA139NA/3K Datasheet HTML 5Page - Texas Instruments INA139NA/3K Datasheet HTML 6Page - Texas Instruments INA139NA/3K Datasheet HTML 7Page - Texas Instruments INA139NA/3K Datasheet HTML 8Page - Texas Instruments INA139NA/3K Datasheet HTML 9Page - Texas Instruments INA139NA/3K Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
6
INA139, INA169
SBOS181F – DECEMBER 2000 – REVISED FEBRUARY 2017
www.ti.com
Product Folder Links: INA139 INA169
Submit Documentation Feedback
Copyright © 2000–2017, Texas Instruments Incorporated
(1)
Defined as the amount of voltage (VSENSE) to drive the output to zero.
6.5 Electrical Characteristics
INA139: all other characteristics at TA = –40°C to +125°C, V+ = 5 V, VIN+ = 12 V, and ROUT = 25 kΩ, unless otherwise noted
INA169: all other characteristics at TA = –40°C to +85°C V+ = 5 V, VIN+ = 12 V, and ROUT = 25 kΩ, unless otherwise noted
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
INPUT
Full-scale sense voltage
VSENSE = VIN+ – VIN–
100
500
mV
Common-mode input range
INA139
2.7
40
V
INA169
2.7
60
Common-mode rejection
INA139:
VIN+ = 2.7 V to 40 V, VSENSE = 50 mV
99
115
dB
INA169:
VIN+ = 2.7 V to 60 V, VSENSE = 50 mV
100
120
dB
Offset voltage (1) RTI
INA139
±0.2
±1.5
mV
INA169
±0.2
±1
vs. temperature
TMIN to TMAX
1
µV/°C
vs power supply (V+)
INA139:
V+ = 2.7 V to 40 V, VSENSE = 50 mV
0.5
10
µV/V
INA169:
V+ = 2.7 V to 60 V, VSENSE = 50 mV
0.1
10
µV/V
Input bias current
10
µA
OUTPUT
Transconductance vs temperature
VSENSE = 10 mV – 150 mV
990
1000
1010
µA/V
VSENSE = 10 mV
10
nA/°C
Nonlinearity error
VSENSE = 10 mV to 150
mV
INA139
±0.01%
±0.13%
INA169
±0.01%
±0.1%
Total output error
VSENSE = 100 mV
±0.5%
±2%
Output impedance
1 || 5
GΩ || pF
Voltage output
Swing to power supply, V+
(V+) – 0.9
(V+) – 1.2
V
Swing to common-mode, VCM
VCM – 0.6
VCM – 1
FREQUENCY RESPONSE
Bandwidth
ROUT = 10 kΩ
440
kHz
ROUT = 20 kΩ
220
kHz
Settling time (0.1%)
5-V step, ROUT = 10 kΩ
2.5
µs
5-V step, ROUT = 20 kΩ
5
µs
NOISE
Output-current noise density
20
pA/
√Hz
Total output-current noise
BW = 100 kHz
7
nA RMS
POWER SUPPLY
Operating range, V+
INA139
2.7
40
V
INA169
2.7
60
V
Quiescent current
VSENSE = 0, IO = 0
60
125
µA
TEMPERATURE RANGE
Specification, TMIN to TMAX
INA139
–40
125
°C
INA169
–40
85
°C
Operating
–55
125
°C
Storage
–65
150
°C
Thermal resistance, θJA
200
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com