Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB85AS12MTPW-GAERE1 Datasheet (PDF) - RAMXEED LIMITED

MB85AS12MTPW-GAERE1 Datasheet PDF - RAMXEED LIMITED
Part # MB85AS12MTPW-GAERE1
Download  MB85AS12MTPW-GAERE1 Download
File Size   2033.04 Kbytes
Page   27 Pages
Manufacturer  RAMXEED [RAMXEED LIMITED]
Direct Link  https://www.ramxeed.com/
Logo RAMXEED - RAMXEED LIMITED
Description 12M (1536 K X 8) Bit SPI

MB85AS12MTPW-GAERE1 Datasheet (PDF)

Go To PDF Page Download Datasheet
MB85AS12MTPW-GAERE1 Datasheet PDF - RAMXEED LIMITED

Part # MB85AS12MTPW-GAERE1
Download  MB85AS12MTPW-GAERE1 Click to download

File Size   2033.04 Kbytes
Page   27 Pages
Manufacturer  RAMXEED [RAMXEED LIMITED]
Direct Link  https://www.ramxeed.com/
Logo RAMXEED - RAMXEED LIMITED
Description 12M (1536 K X 8) Bit SPI

MB85AS12MTPW-GAERE1 Datasheet (HTML) - RAMXEED LIMITED


MB85AS12MTPW-GAERE1 Product details

DESCRIPTION
MB85AS12MT is a ReRAM (Resistive Random Access Memory) chip in a configuration of 1,572,864
words  8 bits, using the resistance-variable memory process and silicon gate CMOS process technologies
for forming the nonvolatile memory cells.
MB85AS12MT adopts the Serial Peripheral Interface (SPI).
MB85AS12MT is able to retain data without using a back-up battery, as is needed for SRAM.
The memory cells used in the MB85AS12MT can be used for 5  105 rewrite operations.
FEATURES
Bit configuration : 12 Mbits (1,572,864 words  8 bits)
Serial Peripheral Interface : SPI (Serial Peripheral Interface)
Correspondent to SPI mode 0 (0, 0) and mode 3 (1, 1)
Write buffer size : 256 bytes
Operating frequency : 10 MHz (Max)
Data endurance : 5  105 times / 4bytes*
*4 bytes are selected by A1 to A0.
Data retention : 10 years (+85 C)
Operating power supply voltage : 1.6 V to 3.6 V
Operating power supply current : Write current 1.5 mA (Typ)
Read current 0.15 mA (Typ@5 MHz)
Standby current 65 A (Typ)
Sleep current 6 A (Typ)
Operation ambient temperature range : -40 C to +85 C
Package : 11-pin WLP
RoHS compliant




Similar Part No. - MB85AS12MTPW-GAERE1

ManufacturerPart #DatasheetDescription
logo
RAMXEED LIMITED
MB85AS8MT RAMXEED-MB85AS8MT Datasheet
2Mb / 30P
8M (1024 K x 8) Bit SPI
MB85AS8MTPW-G-KBAERE1 RAMXEED-MB85AS8MTPW-G-KBAERE1 Datasheet
2Mb / 30P
8M (1024 K x 8) Bit SPI
MB85AS8MTPW-G-KBBERE1 RAMXEED-MB85AS8MTPW-G-KBBERE1 Datasheet
2Mb / 30P
8M (1024 K x 8) Bit SPI
MB85AS8MTPW-G-KBCERE1 RAMXEED-MB85AS8MTPW-G-KBCERE1 Datasheet
2Mb / 30P
8M (1024 K x 8) Bit SPI
More results


Similar Description - MB85AS12MTPW-GAERE1

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MB85RS64A FUJITSU-MB85RS64A Datasheet
224Kb / 20P
Memory FRAM 64 K (8 K x 8) Bit SPI
MB85RS128A FUJITSU-MB85RS128A Datasheet
224Kb / 20P
Memory FRAM 128K (16 K x 8) Bit SPI
MB85RS256A FUJITSU-MB85RS256A Datasheet
224Kb / 20P
Memory FRAM 256 K (32 K x 8) Bit SPI
logo
Cypress Semiconductor
CY14MB064Q1B CYPRESS-CY14MB064Q1B_13 Datasheet
913Kb / 28P
64-Kbit (8 K x 8) SPI nvSRAM
logo
fujitsu semiconductor
MB85RS1MTPH-G FUJITSU-MB85RS1MTPH-G Datasheet
426Kb / 28P
1M (128 K 횞 8) Bit SPI
MB85RS1MTPNF-G FUJITSU-MB85RS1MTPNF-G Datasheet
426Kb / 28P
1M (128 K 횞 8) Bit SPI
MB85RS1MTPW-G FUJITSU-MB85RS1MTPW-G Datasheet
426Kb / 28P
1M (128 K 횞 8) Bit SPI
MB85RS16N FUJITSU-MB85RS16N Datasheet
375Kb / 28P
16 K (2 K 횞 8) Bit SPI
MB85RS16NPNF-G FUJITSU-MB85RS16NPNF-G Datasheet
375Kb / 28P
16 K (2 K 횞 8) Bit SPI
MB85RS256BPNF-G FUJITSU-MB85RS256BPNF-G Datasheet
314Kb / 28P
256 K (32 K 횞 8) Bit SPI
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com