Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB85AS12MTPW-GAERE1 Datasheet(PDF) 1 Page - RAMXEED LIMITED

Part # MB85AS12MTPW-GAERE1
Description  12M (1536 K X 8) Bit SPI
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAMXEED [RAMXEED LIMITED]
Direct Link  https://www.ramxeed.com/
Logo RAMXEED - RAMXEED LIMITED

MB85AS12MTPW-GAERE1 Datasheet(HTML) 1 Page - RAMXEED LIMITED

  MB85AS12MTPW-GAERE1 Datasheet HTML 1Page - RAMXEED LIMITED MB85AS12MTPW-GAERE1 Datasheet HTML 2Page - RAMXEED LIMITED MB85AS12MTPW-GAERE1 Datasheet HTML 3Page - RAMXEED LIMITED MB85AS12MTPW-GAERE1 Datasheet HTML 4Page - RAMXEED LIMITED MB85AS12MTPW-GAERE1 Datasheet HTML 5Page - RAMXEED LIMITED MB85AS12MTPW-GAERE1 Datasheet HTML 6Page - RAMXEED LIMITED MB85AS12MTPW-GAERE1 Datasheet HTML 7Page - RAMXEED LIMITED MB85AS12MTPW-GAERE1 Datasheet HTML 8Page - RAMXEED LIMITED MB85AS12MTPW-GAERE1 Datasheet HTML 9Page - RAMXEED LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
Copyright 2024 RAMXEED LIMITED
Fujitsu Semiconductor Memory Solutions Limited has changed its name to RAMXEED Limited.
RAMXEED Limited will continue to offer and support existing products while maintaining Fujitsu's
part number unchanged.
Memory ReRAM
12M (1536 K  8) Bit SPI
MB85AS12MT
DESCRIPTION
MB85AS12MT is a ReRAM (Resistive Random Access Memory) chip in a configuration of 1,572,864
words  8 bits, using the resistance-variable memory process and silicon gate CMOS process technologies
for forming the nonvolatile memory cells.
MB85AS12MT adopts the Serial Peripheral Interface (SPI).
MB85AS12MT is able to retain data without using a back-up battery, as is needed for SRAM.
The memory cells used in the MB85AS12MT can be used for 5  105 rewrite operations.
FEATURES
• Bit configuration
: 12 Mbits (1,572,864 words  8 bits)
• Serial Peripheral Interface
: SPI (Serial Peripheral Interface)
Correspondent to SPI mode 0 (0, 0) and mode 3 (1, 1)
• Write buffer size
: 256 bytes
• Operating frequency
: 10 MHz (Max)
• Data endurance
: 5  105 times / 4bytes*
*4 bytes are selected by A1 to A0.
• Data retention
: 10 years (+85 C)
• Operating power supply voltage : 1.6 V to 3.6 V
• Operating power supply current : Write current 1.5 mA (Typ)
Read current 0.15 mA (Typ@5 MHz)
Standby current 65 A (Typ)
Sleep current 6 A (Typ)
• Operation ambient temperature range : -40 C to +85 C
• Package
: 11-pin WLP
RoHS compliant
DS501-00071-1v1-E


Similar Part No. - MB85AS12MTPW-GAERE1

ManufacturerPart #DatasheetDescription
logo
RAMXEED LIMITED
MB85AS8MT RAMXEED-MB85AS8MT Datasheet
2Mb / 30P
8M (1024 K x 8) Bit SPI
MB85AS8MTPW-G-KBAERE1 RAMXEED-MB85AS8MTPW-G-KBAERE1 Datasheet
2Mb / 30P
8M (1024 K x 8) Bit SPI
MB85AS8MTPW-G-KBBERE1 RAMXEED-MB85AS8MTPW-G-KBBERE1 Datasheet
2Mb / 30P
8M (1024 K x 8) Bit SPI
MB85AS8MTPW-G-KBCERE1 RAMXEED-MB85AS8MTPW-G-KBCERE1 Datasheet
2Mb / 30P
8M (1024 K x 8) Bit SPI
More results

Similar Description - MB85AS12MTPW-GAERE1

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MB85RS64A FUJITSU-MB85RS64A Datasheet
224Kb / 20P
Memory FRAM 64 K (8 K x 8) Bit SPI
MB85RS128A FUJITSU-MB85RS128A Datasheet
224Kb / 20P
Memory FRAM 128K (16 K x 8) Bit SPI
MB85RS256A FUJITSU-MB85RS256A Datasheet
224Kb / 20P
Memory FRAM 256 K (32 K x 8) Bit SPI
logo
Cypress Semiconductor
CY14MB064Q1B CYPRESS-CY14MB064Q1B_13 Datasheet
913Kb / 28P
64-Kbit (8 K x 8) SPI nvSRAM
logo
fujitsu semiconductor
MB85RS1MTPH-G FUJITSU-MB85RS1MTPH-G Datasheet
426Kb / 28P
1M (128 K 횞 8) Bit SPI
MB85RS1MTPNF-G FUJITSU-MB85RS1MTPNF-G Datasheet
426Kb / 28P
1M (128 K 횞 8) Bit SPI
MB85RS1MTPW-G FUJITSU-MB85RS1MTPW-G Datasheet
426Kb / 28P
1M (128 K 횞 8) Bit SPI
MB85RS16N FUJITSU-MB85RS16N Datasheet
375Kb / 28P
16 K (2 K 횞 8) Bit SPI
MB85RS16NPNF-G FUJITSU-MB85RS16NPNF-G Datasheet
375Kb / 28P
16 K (2 K 횞 8) Bit SPI
MB85RS256BPNF-G FUJITSU-MB85RS256BPNF-G Datasheet
314Kb / 28P
256 K (32 K 횞 8) Bit SPI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com