Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB85AS12MTPW-GAERE1 Datasheet(PDF) 18 Page - RAMXEED LIMITED

Part # MB85AS12MTPW-GAERE1
Description  12M (1536 K X 8) Bit SPI
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAMXEED [RAMXEED LIMITED]
Direct Link  https://www.ramxeed.com/
Logo RAMXEED - RAMXEED LIMITED

MB85AS12MTPW-GAERE1 Datasheet(HTML) 18 Page - RAMXEED LIMITED

Back Button MB85AS12MTPW-GAERE1 Datasheet HTML 14Page - RAMXEED LIMITED MB85AS12MTPW-GAERE1 Datasheet HTML 15Page - RAMXEED LIMITED MB85AS12MTPW-GAERE1 Datasheet HTML 16Page - RAMXEED LIMITED MB85AS12MTPW-GAERE1 Datasheet HTML 17Page - RAMXEED LIMITED MB85AS12MTPW-GAERE1 Datasheet HTML 18Page - RAMXEED LIMITED MB85AS12MTPW-GAERE1 Datasheet HTML 19Page - RAMXEED LIMITED MB85AS12MTPW-GAERE1 Datasheet HTML 20Page - RAMXEED LIMITED MB85AS12MTPW-GAERE1 Datasheet HTML 21Page - RAMXEED LIMITED MB85AS12MTPW-GAERE1 Datasheet HTML 22Page - RAMXEED LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 27 page
background image
MB85AS12MT
18
DS501-00071-1v1-E
AC Load Equivalent Circuit
3. Pin Capacitance
Parameter
Symbol
Condition
Value
Unit
Min
Max
Output capacitance
CIO
VDD  VIN  VOUT  0 V,
f  1 MHz, TA  +25 C
6
pF
Input capacitance
CI
3
pF
30 pF
Output
VDD
1.2 k
Ω
0.95 k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com