Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB85AS8MT Datasheet (PDF) - RAMXEED LIMITED

MB85AS8MT Datasheet PDF - RAMXEED LIMITED
Part # MB85AS8MT
Download  MB85AS8MT Download
File Size   2092.51 Kbytes
Page   30 Pages
Manufacturer  RAMXEED [RAMXEED LIMITED]
Direct Link  https://www.ramxeed.com/
Logo RAMXEED - RAMXEED LIMITED
Description 8M (1024 K x 8) Bit SPI

MB85AS8MT Datasheet (PDF)

Go To PDF Page Download Datasheet
MB85AS8MT Datasheet PDF - RAMXEED LIMITED

Part # MB85AS8MT
Download  MB85AS8MT Click to download

File Size   2092.51 Kbytes
Page   30 Pages
Manufacturer  RAMXEED [RAMXEED LIMITED]
Direct Link  https://www.ramxeed.com/
Logo RAMXEED - RAMXEED LIMITED
Description 8M (1024 K x 8) Bit SPI

MB85AS8MT Datasheet (HTML) - RAMXEED LIMITED


MB85AS8MT Product details

DESCRIPTION
MB85AS8MT is a ReRAM (Resistive Random Access Memory) chip in a configuration of 1,048,576
words  8 bits, using the resistance-variable memory process and silicon gate CMOS process technologies
for forming the nonvolatile memory cells.
MB85AS8MT adopts the Serial Peripheral Interface (SPI).
MB85AS8MT is able to retain data without using a back-up battery, as is needed for SRAM.
The memory cells used in the MB85AS8MT can be used for 1  106 rewrite operations.
FEATURES
• Bit configuration : 8 Mbits (1,048,576 words  8 bits)
• Serial Peripheral Interface : SPI (Serial Peripheral Interface)
Correspondent to SPI mode 0 (0, 0) and mode 3 (1, 1)
• Write buffer size : 256 bytes
• Operating frequency : 10 MHz (Max)
• Data endurance : 1  106 times / 4bytes*
*4 bytes are selected by A1 to A0.
• Data retention : 10 years (+85 C)
• Operating power supply voltage : 1.6 V to 3.6 V
• Operating power supply current : Write current 1.5 mA (Typ)
Read current 0.15 mA (Typ@5 MHz)
Standby current 60 A (Typ)
Sleep current 6 A (Typ)
• Operation ambient temperature range : -40 C to +85 C
• Package : 11-pin WLP
RoHS compliant




Similar Part No. - MB85AS8MT

ManufacturerPart #DatasheetDescription
logo
RAMXEED LIMITED
MB85AS12MT RAMXEED-MB85AS12MT Datasheet
1Mb / 27P
12M (1536 K X 8) Bit SPI
MB85AS12MTPW-GAERE1 RAMXEED-MB85AS12MTPW-GAERE1 Datasheet
1Mb / 27P
12M (1536 K X 8) Bit SPI
More results


Similar Description - MB85AS8MT

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MBM29F080A FUJITSU-MBM29F080A Datasheet
564Kb / 47P
8M (1M X 8) BIT
MBM29LV008TA FUJITSU-MBM29LV008TA Datasheet
439Kb / 51P
8M (1M X 8) BIT
MBM29LV080A FUJITSU-MBM29LV080A Datasheet
400Kb / 49P
8M (1M x 8) BIT
logo
Eon Silicon Solution In...
EN29LV160A EON-EN29LV160A Datasheet
930Kb / 43P
16 MEGABIT (2048K X 8- BIT / 1024 K X 16-BIT) FLASH MEMORY
logo
fujitsu semiconductor
MBM29LV800TE FUJITSU-MBM29LV800TE Datasheet
292Kb / 58P
8M (1M x 8/512 K x 16) BIT
logo
ATMEL Corporation
AT25080B ATMEL-AT25080B Datasheet
575Kb / 22P
SPI Serial EEPROMs 8K (1024 x 8) 16K (2048 x 8)
logo
fujitsu semiconductor
MB85RS64A FUJITSU-MB85RS64A Datasheet
224Kb / 20P
Memory FRAM 64 K (8 K x 8) Bit SPI
MB85RS128A FUJITSU-MB85RS128A Datasheet
224Kb / 20P
Memory FRAM 128K (16 K x 8) Bit SPI
MB85RS256A FUJITSU-MB85RS256A Datasheet
224Kb / 20P
Memory FRAM 256 K (32 K x 8) Bit SPI
MB85RS16NPNF-G FUJITSU-MB85RS16NPNF-G Datasheet
375Kb / 28P
16 K (2 K 횞 8) Bit SPI
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com