Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB85AS8MT Datasheet(PDF) 1 Page - RAMXEED LIMITED

Part # MB85AS8MT
Description  8M (1024 K x 8) Bit SPI
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAMXEED [RAMXEED LIMITED]
Direct Link  https://www.ramxeed.com/
Logo RAMXEED - RAMXEED LIMITED

MB85AS8MT Datasheet(HTML) 1 Page - RAMXEED LIMITED

  MB85AS8MT Datasheet HTML 1Page - RAMXEED LIMITED MB85AS8MT Datasheet HTML 2Page - RAMXEED LIMITED MB85AS8MT Datasheet HTML 3Page - RAMXEED LIMITED MB85AS8MT Datasheet HTML 4Page - RAMXEED LIMITED MB85AS8MT Datasheet HTML 5Page - RAMXEED LIMITED MB85AS8MT Datasheet HTML 6Page - RAMXEED LIMITED MB85AS8MT Datasheet HTML 7Page - RAMXEED LIMITED MB85AS8MT Datasheet HTML 8Page - RAMXEED LIMITED MB85AS8MT Datasheet HTML 9Page - RAMXEED LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
Copyright 2024 RAMXEED LIMITED
Fujitsu Semiconductor Memory Solutions Limited has changed its name to RAMXEED Limited.
RAMXEED Limited will continue to offer and support existing products while maintaining Fujitsu's
part number unchanged.
Memory ReRAM
8M (1024 K  8) Bit SPI
MB85AS8MT
DESCRIPTION
MB85AS8MT is a ReRAM (Resistive Random Access Memory) chip in a configuration of 1,048,576
words  8 bits, using the resistance-variable memory process and silicon gate CMOS process technologies
for forming the nonvolatile memory cells.
MB85AS8MT adopts the Serial Peripheral Interface (SPI).
MB85AS8MT is able to retain data without using a back-up battery, as is needed for SRAM.
The memory cells used in the MB85AS8MT can be used for 1  106 rewrite operations.
FEATURES
• Bit configuration
: 8 Mbits (1,048,576 words  8 bits)
• Serial Peripheral Interface
: SPI (Serial Peripheral Interface)
Correspondent to SPI mode 0 (0, 0) and mode 3 (1, 1)
• Write buffer size
: 256 bytes
• Operating frequency
: 10 MHz (Max)
• Data endurance
: 1  106 times / 4bytes*
*4 bytes are selected by A1 to A0.
• Data retention
: 10 years (+85 C)
• Operating power supply voltage : 1.6 V to 3.6 V
• Operating power supply current : Write current 1.5 mA (Typ)
Read current 0.15 mA (Typ@5 MHz)
Standby current 60 A (Typ)
Sleep current 6 A (Typ)
• Operation ambient temperature range : -40 C to +85 C
• Package
: 11-pin WLP
RoHS compliant
DS501-00060-2v2-E


Similar Part No. - MB85AS8MT

ManufacturerPart #DatasheetDescription
logo
RAMXEED LIMITED
MB85AS12MT RAMXEED-MB85AS12MT Datasheet
1Mb / 27P
12M (1536 K X 8) Bit SPI
MB85AS12MTPW-GAERE1 RAMXEED-MB85AS12MTPW-GAERE1 Datasheet
1Mb / 27P
12M (1536 K X 8) Bit SPI
More results

Similar Description - MB85AS8MT

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MBM29F080A FUJITSU-MBM29F080A Datasheet
564Kb / 47P
8M (1M X 8) BIT
MBM29LV008TA FUJITSU-MBM29LV008TA Datasheet
439Kb / 51P
8M (1M X 8) BIT
MBM29LV080A FUJITSU-MBM29LV080A Datasheet
400Kb / 49P
8M (1M x 8) BIT
logo
Eon Silicon Solution In...
EN29LV160A EON-EN29LV160A Datasheet
930Kb / 43P
16 MEGABIT (2048K X 8- BIT / 1024 K X 16-BIT) FLASH MEMORY
logo
fujitsu semiconductor
MBM29LV800TE FUJITSU-MBM29LV800TE Datasheet
292Kb / 58P
8M (1M x 8/512 K x 16) BIT
logo
ATMEL Corporation
AT25080B ATMEL-AT25080B Datasheet
575Kb / 22P
SPI Serial EEPROMs 8K (1024 x 8) 16K (2048 x 8)
logo
fujitsu semiconductor
MB85RS64A FUJITSU-MB85RS64A Datasheet
224Kb / 20P
Memory FRAM 64 K (8 K x 8) Bit SPI
MB85RS128A FUJITSU-MB85RS128A Datasheet
224Kb / 20P
Memory FRAM 128K (16 K x 8) Bit SPI
MB85RS256A FUJITSU-MB85RS256A Datasheet
224Kb / 20P
Memory FRAM 256 K (32 K x 8) Bit SPI
MB85RS16NPNF-G FUJITSU-MB85RS16NPNF-G Datasheet
375Kb / 28P
16 K (2 K 횞 8) Bit SPI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com