Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB85AS8MT Datasheet(PDF) 10 Page - RAMXEED LIMITED

Part # MB85AS8MT
Description  8M (1024 K x 8) Bit SPI
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAMXEED [RAMXEED LIMITED]
Direct Link  https://www.ramxeed.com/
Logo RAMXEED - RAMXEED LIMITED

MB85AS8MT Datasheet(HTML) 10 Page - RAMXEED LIMITED

Back Button MB85AS8MT Datasheet HTML 6Page - RAMXEED LIMITED MB85AS8MT Datasheet HTML 7Page - RAMXEED LIMITED MB85AS8MT Datasheet HTML 8Page - RAMXEED LIMITED MB85AS8MT Datasheet HTML 9Page - RAMXEED LIMITED MB85AS8MT Datasheet HTML 10Page - RAMXEED LIMITED MB85AS8MT Datasheet HTML 11Page - RAMXEED LIMITED MB85AS8MT Datasheet HTML 12Page - RAMXEED LIMITED MB85AS8MT Datasheet HTML 13Page - RAMXEED LIMITED MB85AS8MT Datasheet HTML 14Page - RAMXEED LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
MB85AS8MT
10
DS501-00060-2v2-E
RDUID
The RDUID command reads (common) Device ID and (each chip-specific) Unique ID. After performing
RDUID op-code to SI, 96-cycle clock is input to SCK. The SI value is invalid for this time. SO is output
synchronously to a falling edge of SCK. The output is in order of Manufacturer ID (8bit) / Continuation code
(8bit) / Product ID (1st Byte) / Product ID (2nd Byte) as Device ID and Lot ID (40bit) / Wafer ID (8bit) / Chip
ID (16bit) as Unique ID. In the RDUID command, SO holds the output state of the last bit in 96-bit Device
ID and Unique ID until CS is risen.
SO
SCK
SI
CS
MSB
7
6
5
4
3
2
1
0
Data Out
Data Out
High-Z
LSB
11
10
9
8
97
96
95
103
102
101
100
99
98
Invalid
94
92
93
95
10000011
20
1
3
64
5
7
8
Bits
Field
Value
Description
Device ID
[95:88]
Manufacture ID
04h
Fujitsu
Device ID
[87:80]
Continuation code
7Fh
Device ID
[79:72]
Product ID
AAh
101b: Proprietary use
01010b: Density (8 Mbit)
Device ID
[71:64]
Product ID
03h
Proprietary use
Unique ID
[63:24]
Lot ID
64 bit
Unique ID
Unique ID
[23:16]
Wafer ID
Unique ID
[15:0]
Chip ID



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com