Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB85AS8MT Datasheet(PDF) 12 Page - RAMXEED LIMITED

Part # MB85AS8MT
Description  8M (1024 K x 8) Bit SPI
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAMXEED [RAMXEED LIMITED]
Direct Link  https://www.ramxeed.com/
Logo RAMXEED - RAMXEED LIMITED

MB85AS8MT Datasheet(HTML) 12 Page - RAMXEED LIMITED

Back Button MB85AS8MT Datasheet HTML 8Page - RAMXEED LIMITED MB85AS8MT Datasheet HTML 9Page - RAMXEED LIMITED MB85AS8MT Datasheet HTML 10Page - RAMXEED LIMITED MB85AS8MT Datasheet HTML 11Page - RAMXEED LIMITED MB85AS8MT Datasheet HTML 12Page - RAMXEED LIMITED MB85AS8MT Datasheet HTML 13Page - RAMXEED LIMITED MB85AS8MT Datasheet HTML 14Page - RAMXEED LIMITED MB85AS8MT Datasheet HTML 15Page - RAMXEED LIMITED MB85AS8MT Datasheet HTML 16Page - RAMXEED LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 30 page
background image
MB85AS8MT
12
DS501-00060-2v2-E
WRITING OPERATION OF NONVOLATILE MEMORY
Each input data is not written to the nonvolatile memory by unit of byte right after its data input. Multiple
bytes up to maximum 256 bytes are temporarily saved to the data register. After the command input is
finished and rising edge of CS, start writing operation from this data register to the nonvolatile memory.
1. Address counter control
In case of memory access by WRITE and READ commands, after the end of op-code and address input, it
is possible to keep on accessing (= reading or writing) with automatic address increment which is enabled
by continuously sending clocks to SCK in unit of 8 cycles while CS is low level. However, for the WRITE
command, continuous writing is restricted by the limit of buffer size in the data register.
When it reaches the most significant address, it rolls over to the starting address, and this automatic address
increment will be continued by the address counter control.
Over write protection to the nonvolatile memory is enabled by BP0 and BP1 bits in status register. When the
memory address exceed it from write protected block to unprotected block by address counter control, write
to the unprotected block only. Similarly, when memory address exceed it from unprotected block to protected
block, does not write to the protected block.
0
7
bit number
654321
Start address
Start address+1
Start address+2
Most significant address-5
Most significant address-4
Most significant address-3
Most significant address-2
Most significant address-1
Most significant address
MSB
LSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com