Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB85AS8MT Datasheet(PDF) 15 Page - RAMXEED LIMITED

Part # MB85AS8MT
Description  8M (1024 K x 8) Bit SPI
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAMXEED [RAMXEED LIMITED]
Direct Link  https://www.ramxeed.com/
Logo RAMXEED - RAMXEED LIMITED

MB85AS8MT Datasheet(HTML) 15 Page - RAMXEED LIMITED

Back Button MB85AS8MT Datasheet HTML 11Page - RAMXEED LIMITED MB85AS8MT Datasheet HTML 12Page - RAMXEED LIMITED MB85AS8MT Datasheet HTML 13Page - RAMXEED LIMITED MB85AS8MT Datasheet HTML 14Page - RAMXEED LIMITED MB85AS8MT Datasheet HTML 15Page - RAMXEED LIMITED MB85AS8MT Datasheet HTML 16Page - RAMXEED LIMITED MB85AS8MT Datasheet HTML 17Page - RAMXEED LIMITED MB85AS8MT Datasheet HTML 18Page - RAMXEED LIMITED MB85AS8MT Datasheet HTML 19Page - RAMXEED LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 30 page
background image
MB85AS8MT
DS501-00060-2v2-E
15
ABSOLUTE MAXIMUM RATINGS
*:These parameters are based on the condition that VSS is 0 V.
WARNING: Semiconductor devices may be permanently damaged by application of stress (including, without
limitation, voltage, current or temperature) in excess of absolute maximum ratings.
Do not exceed any of these ratings.
RECOMMENDED OPERATING CONDITIONS
*1: These parameters are based on the condition that VSS is 0 V.
*2: Ambient temperature when only this device is working. Please consider it to be the almost same as the
package surface temperature.
WARNING: The recommended operating conditions are required in order to ensure the normal operation of
the semiconductor device. All of the device's electrical characteristics are warranted when the
device is operated under these conditions.
Any use of semiconductor devices will be under their recommended operating condition.
Operation under any conditions other than these conditions may adversely affect reliability of
device and could result in device failure.
No warranty is made with respect to any use, operating conditions or combinations not represented
on this data sheet. If you are considering application under any conditions other than listed herein,
please contact sales representatives beforehand.
Parameter
Symbol
Rating
Unit
Min
Max
Power supply voltage*
VDD
0.5
4.0
V
Input voltage*
VIN
0.5
VDD  0.5 (  4.0)
V
Output voltage*
VOUT
0.5
VDD  0.5 (  4.0)
V
Operation ambient temperature
TA
40
85
C
Storage temperature
Tstg
55
125
C
Parameter
Symbol
Value
Unit
Min
Typ
Max
Power supply voltage*1
VDD
1.6
3.6
V
Operation ambient temperature*2
TA
40
85
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com