Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB85R8M1TABGL-G-JAE1 Datasheet (PDF) - RAMXEED LIMITED

MB85R8M1TABGL-G-JAE1 Datasheet PDF - RAMXEED LIMITED
Part # MB85R8M1TABGL-G-JAE1
Download  MB85R8M1TABGL-G-JAE1 Download
File Size   1573.61 Kbytes
Page   29 Pages
Manufacturer  RAMXEED [RAMXEED LIMITED]
Direct Link  https://www.ramxeed.com/
Logo RAMXEED - RAMXEED LIMITED
Description 8 M (1 M × 8) Bit

MB85R8M1TABGL-G-JAE1 Datasheet (PDF)

Go To PDF Page Download Datasheet
MB85R8M1TABGL-G-JAE1 Datasheet PDF - RAMXEED LIMITED

Part # MB85R8M1TABGL-G-JAE1
Download  MB85R8M1TABGL-G-JAE1 Click to download

File Size   1573.61 Kbytes
Page   29 Pages
Manufacturer  RAMXEED [RAMXEED LIMITED]
Direct Link  https://www.ramxeed.com/
Logo RAMXEED - RAMXEED LIMITED
Description 8 M (1 M × 8) Bit

MB85R8M1TABGL-G-JAE1 Datasheet (HTML) - RAMXEED LIMITED


MB85R8M1TABGL-G-JAE1 Product details

 DESCRIPTIONS
The MB85R8M1TA is an FeRAM (Ferroelectric Random Access Memory) chip consisting of 1,048,576 words × 8 bits of nonvolatile memory cells fabricated using ferroelectric process and silicon gate CMOS process technologies.
The MB85R8M1TA is able to retain data without using a back-up battery, as is needed for SRAM.
The memory cells used in the MB85R8M1TA can be used for 1014 read/write operations, which is a significant improvement over the number of read and write operations supported by Flash memory and E2PROM. The MB85R8M1TA uses a pseudo-SRAM interface.

 FEATURES
• Bit configuration : 1,048,576 words × 8 bits
• Read/write endurance : 1014 times ( + 85 °C)
• Data retention : 10 years ( + 85 °C), 95 years ( + 55 °C), over 200 years ( + 35 °C)
• Operating power supply voltage : 1.8 V to 3.6 V
• Low power operation : Operating power supply current 18 mA (Max)
Standby current 150 μA (Max)
Sleep current 10 μA (Max)
• Operation ambient temperature range : − 40 °C to + 85 °C
• Package : 48-pin plastic FBGA
44-pin plastic TSOP
RoHS compliant




Similar Part No. - MB85R8M1TABGL-G-JAE1

ManufacturerPart #DatasheetDescription
logo
RAMXEED LIMITED
MB85R8M2T RAMXEED-MB85R8M2T Datasheet
3Mb / 25P
8M (512K X 16) Bit
MB85R8M2TA RAMXEED-MB85R8M2TA Datasheet
1Mb / 30P
8 M (512 K × 16) Bit
MB85R8M2TABGL-G-JAE1 RAMXEED-MB85R8M2TABGL-G-JAE1 Datasheet
1Mb / 30P
8 M (512 K × 16) Bit
MB85R8M2TAFN-G-JAE2 RAMXEED-MB85R8M2TAFN-G-JAE2 Datasheet
1Mb / 30P
8 M (512 K × 16) Bit
MB85R8M2TPBS-M-JAE1 RAMXEED-MB85R8M2TPBS-M-JAE1 Datasheet
3Mb / 25P
8M (512K X 16) Bit
More results


Similar Description - MB85R8M1TABGL-G-JAE1

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH28F008SC-V SHARP-LH28F008SC-V Datasheet
266Kb / 40P
8 M-bit (1 MB x 8) Smart 5
logo
fujitsu semiconductor
MBM29DL640E80 FUJITSU-MBM29DL640E80 Datasheet
913Kb / 71P
64 M (8 M X 8/4 M X 16) BIT Dual Operation
logo
Hitachi Semiconductor
HM628128 HITACHI-HM628128 Datasheet
124Kb / 20P
1 M SRAM (128-kword x 8-bit)
HM628128B HITACHI-HM628128B Datasheet
627Kb / 19P
1 M SRAM (128-KWORD X 8 BIT)
HM538123B HITACHI-HM538123B Datasheet
369Kb / 46P
1 M VRAM (128-kword x 8-bit)
logo
fujitsu semiconductor
MB85R1001 FUJITSU-MB85R1001 Datasheet
136Kb / 12P
1 M Bit (128 K 횞 8)
logo
SPANSION
MBM29SL800TD-10 SPANSION-MBM29SL800TD-10 Datasheet
519Kb / 56P
FLASH MEMORY CMOS 8 M (1 M X 8/512 K X 16) BIT
MBM29SL800TE-90 SPANSION-MBM29SL800TE-90 Datasheet
451Kb / 52P
FLASH MEMORY CMOS 8 M (1 M X 8/512 K X 16) BIT
logo
fujitsu semiconductor
MB85R1001 FUJITSU-MB85R1001_08 Datasheet
302Kb / 12P
1 M Bit (128 K 횞 8)
MB85R1001ANC-GE1 FUJITSU-MB85R1001ANC-GE1 Datasheet
142Kb / 16P
1 M Bit (128 K 횞 8)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com