Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S-13R1 Datasheet (PDF) - ABLIC Inc.

S-13R1 Datasheet PDF - ABLIC Inc.
Part # S-13R1
Download  S-13R1 Download
File Size   693.56 Kbytes
Page   43 Pages
Manufacturer  ABLIC [ABLIC Inc.]
Direct Link  https://www.ablic.com
Logo ABLIC - ABLIC Inc.
Description 5.5 V INPUT, 150 mA VOLTAGE REGULATOR WITH REVERSE CURRENT PROTECTION

S-13R1 Datasheet (PDF)

Go To PDF Page Download Datasheet
S-13R1 Datasheet PDF - ABLIC Inc.

Part # S-13R1
Download  S-13R1 Click to download

File Size   693.56 Kbytes
Page   43 Pages
Manufacturer  ABLIC [ABLIC Inc.]
Direct Link  https://www.ablic.com
Logo ABLIC - ABLIC Inc.
Description 5.5 V INPUT, 150 mA VOLTAGE REGULATOR WITH REVERSE CURRENT PROTECTION

S-13R1 Datasheet (HTML) - ABLIC Inc.


S-13R1 Product details

Features
• Output voltage: 1.2 V to 4.0 V, selectable in 0.05 V step
• Input voltage: 2.0 V to 5.5 V
• Output voltage accuracy: ±1.0% (1.2 V to 1.45 V output product: ±15 mV)
• Dropout voltage: 150 mV typ. (3.0 V output product, IOUT = 100 mA)
• Current consumption: During operation: 5 μA typ., 9 μA max.
During power-off: 0.1 μA typ., 1.0 μA max.
• Output current: Possible to output 150 mA (VIN ≥ VOUT(S) + 1.0 V)*1
• Input and output capacitors: A ceramic capacitor of 1.0 μF or more can be used.
• Ripple rejection: 70 dB typ. (3.0 V output product, f = 1.0 kHz)
• Reverse current protection function: IREV = 0.09 μA max.
• Built-in overcurrent protection circuit: Limits overcurrent of output transistor.
• Built-in thermal shutdown circuit: Prevents damage caused by heat.
• Built-in ON / OFF circuit: Ensures long battery life.
Discharge shunt function "available" / "unavailable" is selectable.
Pull-down function "available" / "unavailable" is selectable.
• Operation temperature range: Ta = −40°C to +85°C
• Lead-free (Sn 100%), halogen-free




Similar Part No. - S-13R1

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-13R1 SII-S-13R1 Datasheet
2Mb / 49P
REVERSE CURRENT PROTECTION CMOS VOLTAGE REGULATOR
logo
ABLIC Inc.
S-13R1 ABLIC-S-13R1 Datasheet
636Kb / 49P
5.5 V INPUT, 150 mA VOLTAGE REGULATOR WITH REVERSE CURRENT PROTECTION
Rev.1.3_00
logo
Seiko Instruments Inc
S-13R1A12-A4T2U3 SII-S-13R1A12-A4T2U3 Datasheet
2Mb / 49P
REVERSE CURRENT PROTECTION CMOS VOLTAGE REGULATOR
logo
ABLIC Inc.
S-13R1A12-A4T2U3 ABLIC-S-13R1A12-A4T2U3 Datasheet
636Kb / 49P
5.5 V INPUT, 150 mA VOLTAGE REGULATOR WITH REVERSE CURRENT PROTECTION
Rev.1.3_00
logo
Seiko Instruments Inc
S-13R1A12-M5T1U3 SII-S-13R1A12-M5T1U3 Datasheet
2Mb / 49P
REVERSE CURRENT PROTECTION CMOS VOLTAGE REGULATOR
More results


Similar Description - S-13R1

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-13A1 ABLIC-S-13A1 Datasheet
1Mb / 74P
5.5 V INPUT, 1000 mA VOLTAGE REGULATOR
Rev.2.2_00
S-13D1 ABLIC-S-13D1 Datasheet
479Kb / 45P
5.5 V INPUT, 150 mA, 2-CIRCUIT VOLTAGE REGULATOR WITH DELAY FUNCTION
Rev.1.4_00
S-13R1 ABLIC-S-13R1 Datasheet
636Kb / 49P
5.5 V INPUT, 150 mA VOLTAGE REGULATOR WITH REVERSE CURRENT PROTECTION
Rev.1.3_00
S-1135 ABLIC-S-1135 Datasheet
558Kb / 48P
5.5 V INPUT, 300 mA VOLTAGE REGULATOR
Rev.2.3_00
S-1312 ABLIC-S-1312 Datasheet
540Kb / 47P
5.5 V INPUT, 150 mA VOLTAGE REGULATOR
Rev.2.5_00
S-1312XXXH ABLIC-S-1312XXXH Datasheet
1Mb / 39P
105°C OPERATION, 5.5 V INPUT, 150 mA VOLTAGE REGULATOR
Rev.1.2_00
S-1313 ABLIC-S-1313 Datasheet
825Kb / 56P
5.5 V INPUT, 200 mA VOLTAGE REGULATOR
Rev.2.2_00
S-1333 ABLIC-S-1333 Datasheet
676Kb / 47P
5.5 V INPUT, 300 mA VOLTAGE REGULATOR
Rev.2.4_00
S-19251 ABLIC-S-19251 Datasheet
908Kb / 41P
AUTOMOTIVE, 105째C OPERATION, 5.5 V INPUT, 150 mA VOLTAGE REGULATOR
Rev.1.1_01
S-19252 ABLIC-S-19252 Datasheet
848Kb / 57P
AUTOMOTIVE, 105째C OPERATION, 5.5 V INPUT, 150 mA VOLTAGE REGULATOR WITH SOFT-START FUNCTION
Rev.1.1_00
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com