Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RAA214048 Datasheet (PDF) - Renesas Technology Corp

RAA214048 Datasheet PDF - Renesas Technology Corp
Part # RAA214048
Download  RAA214048 Download
File Size   5848.32 Kbytes
Page   36 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Ultra-Low Dropout, Low VIN, Ultra-Low Noise, High PSRR, 4A LDO

RAA214048 Datasheet (PDF)

Go To PDF Page Download Datasheet
RAA214048 Datasheet PDF - Renesas Technology Corp

Part # RAA214048
Download  RAA214048 Click to download

File Size   5848.32 Kbytes
Page   36 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Ultra-Low Dropout, Low VIN, Ultra-Low Noise, High PSRR, 4A LDO

RAA214048 Datasheet (HTML) - Renesas Technology Corp


RAA214048 Product details

▪ Maximum dropout: 250mV at 4A with BIAS
▪ Output voltage accuracy: ±1%
▪ Ultra-low output noise: 7μVRMS
▪ Input voltage range:
• Without BIAS: 1.4V to 6.5V
• With BIAS: 1.1V to 6.5V
▪ Output voltage range:
• Using PCB layout and voltage set pins: 0.8V to 3.95V
• External FB resistors: 0.8V to 5.1V
▪ BIAS voltage range: 3V to 6.5V
▪ Max operating load current: 4A
▪ High PSRR at VHEADROOM = 0.5V
• 100kHZ: 35dB at 4A
▪ Enable control and power-good indication
▪ Overcurrent, short-circuit and over-temperature
fault protection
▪ Excellent load transient response




Similar Part No. - RAA214048

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RAA214045 RENESAS-RAA214045 Datasheet
3Mb / 36P
Ultra-Low Dropout, Low VIN, Ultra-Low Noise, High PSRR, 4A LDO
Apr 25, 2024
RAA214045GNP#HC0 RENESAS-RAA214045GNP#HC0 Datasheet
3Mb / 36P
Ultra-Low Dropout, Low VIN, Ultra-Low Noise, High PSRR, 4A LDO
Apr 25, 2024
RAA214045GNP#MC0 RENESAS-RAA214045GNP#MC0 Datasheet
3Mb / 36P
Ultra-Low Dropout, Low VIN, Ultra-Low Noise, High PSRR, 4A LDO
Apr 25, 2024
More results


Similar Description - RAA214048

ManufacturerPart #DatasheetDescription
logo
YOBON TECHNOLOGIES,INC.
YB1210 YOBON-YB1210 Datasheet
449Kb / 12P
300mA Ultra-Low-Noise, High PSRR LDO Regulator
logo
SeCoS Halbleitertechnol...
SEMP8965 SECOS-SEMP8965 Datasheet
652Kb / 11P
Fast Ultra High-PSRR, Low Noise, Low-Dropout
logo
Micrel Semiconductor
MIC5323 MICREL-MIC5323 Datasheet
474Kb / 15P
High PSRR Low Noise 300mA 關Cap Ultra-Low Dropout LDO Regulator
logo
List of Unclassifed Man...
FT531 ETC2-FT531 Datasheet
271Kb / 23P
Ultra Low Noise, High PSRR, 250mA LDO
FT531EA ETC2-FT531EA Datasheet
271Kb / 23P
Ultra Low Noise, High PSRR, 250mA LDO
FT531AA ETC2-FT531AA Datasheet
271Kb / 23P
Ultra Low Noise, High PSRR, 250mA LDO
logo
YOBON TECHNOLOGIES,INC.
YB1210R YOBON-YB1210R Datasheet
388Kb / 12P
300mA, Ultra-Low-Noise, High PSRR LDO Regulator
logo
ON Semiconductor
NCV8160 ONSEMI-NCV8160 Datasheet
425Kb / 14P
Ultra-Low Noise and High PSRR LDO Regulator
November, 2017 ??Rev. 2
logo
Renesas Technology Corp
RAA214020 RENESAS-RAA214020 Datasheet
2Mb / 46P
Ultra Low Noise, High PSRR, LDO
Dec 17, 2021
RAA214023 RENESAS-RAA214023 Datasheet
2Mb / 45P
Ultra Low Noise, High PSRR, LDO
Feb 3, 2023
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com