Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32WBA62CGU6 Datasheet (PDF) - STMicroelectronics

STM32WBA62CGU6 Datasheet PDF - STMicroelectronics
Part # STM32WBA62CGU6
Download  STM32WBA62CGU6 Download
File Size   2371.51 Kbytes
Page   185 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Multiprotocol wireless 32-bit MCU Arm®-based Cortex®-M33 with TrustZone , FPU, Bluetooth IEEE802.15.4 radio solution

STM32WBA62CGU6 Datasheet (PDF)

Go To PDF Page Download Datasheet
STM32WBA62CGU6 Datasheet PDF - STMicroelectronics

Part # STM32WBA62CGU6
Download  STM32WBA62CGU6 Click to download

File Size   2371.51 Kbytes
Page   185 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Multiprotocol wireless 32-bit MCU Arm®-based Cortex®-M33 with TrustZone , FPU, Bluetooth IEEE802.15.4 radio solution

STM32WBA62CGU6 Datasheet (HTML) - STMicroelectronics


STM32WBA62CGU6 Product details

Features
■ Includes ST state-of-the-art patented technology
■ Ultra-low-power radio
■ 2.4 GHz radio
■ RF transceiver supporting Bluetooth® Low Energy 5.4 specification, IEEE 802.15.4-2015 PHY and MAC,
■ supporting Thread, Matter, and Zigbee®
■ Proprietary protocols
■ RX sensitivity: -96 dBm (Bluetooth® Low Energy at 1 Mbps), -100 dBm
■ (IEEE 802.15.4 at 250 kbps)
■ Programmable output power up to +10 dBm,
■ with 1 dB steps
■ Support for external PA
■ Isochronous channel (Auracast/Unicast),
■ AOA/AOD, long range
■ Packet traffic arbitration
■ Integrated balun to reduce BOM
■ Single crystal operation
■ Suitable for systems requiring compliance with radio frequency regulations ETSI EN 300 328, EN 300 440, FCC CFR47 Part 15 and ARIB STD-T66
■ Ultra-low-power with FlexPowerControl
■ 1.71 to 3.6 V power supply
■ -40 to 85/105 °C ambient temperature range
■ Autonomous peripherals with DMA, functional
■ down to Stop 1 mode
■ 120 nA Standby mode (16 wake-up pins)
■ 1.33 μA Standby mode with RTC
■ 1.15 µA Standby mode with 64-Kbyte SRAM
■ 5.30 µA Stop 2 mode with 64-Kbyte SRAM
■ 29 µA/MHz Run mode
■ Radio: Rx 4.26 mA / Tx at 0 dBm 5.94 mA
■ Core
■ Arm® 32-bit Cortex®-M33 CPU with TrustZone®, MPU, DSP, and FPU
■ ART Accelerator
■ 8-Kbyte instruction cache allowing 0-wait-state execution from flash memory (frequency up to 100 MHz, 150 DMIPS)
■ Benchmarks
■ 1.5 DMIPS/MHz (Dhrystone 2.1)
■ 410 CoreMark® (4.10 CoreMark/MHz)
■ Memories
■ Up to 2-Mbyte dual bank flash memory with ECC, including 512 Kbytes with 100 K cycles
■ Up to 512-Kbyte SRAM, including 64 Kbytes
■ with parity check
■ 512-byte (32 rows) OTP UFQFPN48 7 x 7 mm solder pad VFQFPN68 8 x 8 mm solder pad Thin WLCSP88 3.78 x 3.46 mm UFBGA121 6 x 6 mm




Similar Part No. - STM32WBA62CGU6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM32WBA50KG STMICROELECTRONICS-STM32WBA50KG Datasheet
1Mb / 110P
Multiprotocol wireless 32-bit MCU Arm®-based Cortex®-M33 with FPU, Bluetooth® 5.4 radio solution
12-Sep-2024
STM32WBA5MMG STMICROELECTRONICS-STM32WBA5MMG Datasheet
1Mb / 25P
Bluetooth® LE and IEEE 802.15.4 radio module
06-May-2025
STM32WBA5MMGH6TR STMICROELECTRONICS-STM32WBA5MMGH6TR Datasheet
1Mb / 25P
Bluetooth® LE and IEEE 802.15.4 radio module
06-May-2025
More results


Similar Description - STM32WBA62CGU6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM32WB10CC STMICROELECTRONICS-STM32WB10CC Datasheet
1Mb / 110P
Multiprotocol wireless 32-bit MCU Arm®-based Cortex®-M4 with FPU, Bluetooth® 5.2 radio solution
June 2021
STM32WB55CC STMICROELECTRONICS-STM32WB55CC_V02 Datasheet
3Mb / 193P
Multiprotocol wireless 32-bit MCU Arm®-based Cortex®-M4 with FPU, Bluetooth® 5.2 and 802.15.4 radio solution
April 2021
STM32WB15CC STMICROELECTRONICS-STM32WB15CC Datasheet
2Mb / 127P
Multiprotocol wireless 32-bit MCU Arm®-based Cortex®-M4 with FPU, Bluetooth® 5.2 radio solution
August 2021
STM32U575XX STMICROELECTRONICS-STM32U575XX Datasheet
6Mb / 329P
Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 240 DMIPS, up to 2 MB Flash memory, 786 KB SRAM
02-Jun-2022
STM32WB55XX STMICROELECTRONICS-STM32WB55XX_V01 Datasheet
2Mb / 196P
Multiprotocol wireless 32-bit MCU Arm®-based Cortex®-M4 with FPU, Bluetooth® 5.3 and 802.15.4 radio solution
12-Aug-2022
STM32U545XX STMICROELECTRONICS-STM32U545XX Datasheet
3Mb / 283P
Ultra-low-power Arm® Cortex®-M33 MCUTrustZone®FPU,240 DMIPS, 512 KB flash memory, 274 KB SRAM, crypto
17-Feb-2023
STM32U59XXX STMICROELECTRONICS-STM32U59XXX Datasheet
6Mb / 377P
Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU,240 DMIPS, up to 4 MB Flash, 2.5 MB SRAM, LTDC, MIPI® DSI
16-Feb-2023
STM32U5AXXX STMICROELECTRONICS-STM32U5AXXX Datasheet
6Mb / 382P
Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU,240 DMIPS, 4 MB Flash, 2.5 MB SRAM, LTDC, MIPI® DSI, crypto
February 2023 Rev 1
STM32U585XX STMICROELECTRONICS-STM32U585XX Datasheet
6Mb / 340P
Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU,240 DMIPS, up to 2 MB Flash memory, 786 KB SRAM, crypto
27-Mar-2023
logo
NXP Semiconductors
LPC55S3X NXP-LPC55S3X Datasheet
3Mb / 164P
32-bit Arm Cortex®-M33, TrustZone, ELS, PRINCE, PKC, 128 KB SRAM
Rev. 3.2 - 22 September 2023
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com