Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1919938 Datasheet (PDF) - PHOENIX CONTACT

1919938 Datasheet PDF - PHOENIX CONTACT
Part # 1919938
Download  1919938 Download
File Size   218.89 Kbytes
Page   7 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MSTB 2,5/ 8-STZ-5,08 BD:1-8 - PCB connector

1919938 Datasheet (PDF)

Go To PDF Page Download Datasheet
1919938 Datasheet PDF - PHOENIX CONTACT

Part # 1919938
Download  1919938 Click to download

File Size   218.89 Kbytes
Page   7 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MSTB 2,5/ 8-STZ-5,08 BD:1-8 - PCB connector

1919938 Datasheet (HTML) - PHOENIX CONTACT


1919938 Product details

PCB connector, nominal cross section: 2.5 mm2, color: green, nominal current: 12 A, rated
voltage (III/2): 320 V, contact surface: Sn, contact connection type: Socket, number of potentials:
8, number of rows: 1, number of positions: 8, number of connections: 8, product range: MSTB
2,5/..-ST, pitch: 5.08 mm, connection method: Screw connection with tension sleeve, screw head
form: L Slotted, conductor/PCB connection direction: 0 °, locking clip: - Locking clip, plug-in
system: COMBICON MSTB 2,5, locking: without, mounting method: without, type of packaging:
packed in cardboard, Pull-out aid (STZ12)




Similar Part No. - 1919938

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
19199 FESTO-19199 Datasheet
43Kb / 2P
ISO cylinder
logo
PHOENIX CONTACT
1919909 PHOENIX-1919909 Datasheet
105Kb / 8P
Printed-circuit board connector - MSTBT 2,5/17-STF-5,08
logo
Festo Corporation.
1919910 FESTO-1919910 Datasheet
81Kb / 1P
Adapter kit
logo
PHOENIX CONTACT
1919912 PHOENIX-1919912 Datasheet
105Kb / 8P
Printed-circuit board connector - MSTBT 2,5/18-STF-5,08
1919925 PHOENIX-1919925 Datasheet
59Kb / 4P
Printed-circuit board connector - MCVR 1,5/ 2-ST-3,81 BD:1-2
More results


Similar Description - 1919938

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1758393 PHOENIX-1758393 Datasheet
110Kb / 5P
MSTB 2,5/ 8-ST-5,08 BD:1-8
1758982 PHOENIX-1758982 Datasheet
164Kb / 10P
Printed-circuit board connector - MSTB 2,5/ 8-STZ
1776168 PHOENIX-1776168 Datasheet
150Kb / 7P
MSTB 2,5/ 3-STZ-5,08
1764235 PHOENIX-1764235 Datasheet
136Kb / 10P
Printed-circuit board connector - MSTB 2,5/ 8-STZ-5,08
1765315 PHOENIX-1765315 Datasheet
104Kb / 4P
MSTB 2,5/ 8-ST BD: 1-8
1709288 PHOENIX-1709288 Datasheet
41Kb / 2P
MSTB 2,5/ 8-STZ-5,08 OG
1730702 PHOENIX-1730702 Datasheet
96Kb / 2P
MSTB 2,5/ 3-STZ-5,08 YE
1776184 PHOENIX-1776184 Datasheet
117Kb / 7P
MSTB 2,5/ 6-STZ-5,08 BK
1709791 PHOENIX-1709791 Datasheet
394Kb / 13P
PCB connector - MSTB 2,5/ 2-STZ-5,08
Nov 30, 2022
1810480 PHOENIX-1810480 Datasheet
252Kb / 9P
MSTB 2,5/ 8-STZF-5,08 - PCB connector
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com