Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC6989DYYR Datasheet (PDF) - Texas Instruments

TLC6989DYYR Datasheet PDF - Texas Instruments
Part # TLC6989DYYR
Download  TLC6989DYYR Download
File Size   2985.11 Kbytes
Page   71 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TLC6989 SPI-Compatible Connectivity for TLC698x Device Family

TLC6989DYYR Datasheet (PDF)

Go To PDF Page Download Datasheet
TLC6989DYYR Datasheet PDF - Texas Instruments

Part # TLC6989DYYR
Download  TLC6989DYYR Click to download

File Size   2985.11 Kbytes
Page   71 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TLC6989 SPI-Compatible Connectivity for TLC698x Device Family

TLC6989DYYR Datasheet (HTML) - Texas Instruments


TLC6989DYYR Product details

1 Features
• Operating voltage VCC range: 2.5V to 5.5V
• SPI peripheral
– Data transfer rate up to 20MHz
– Support multiple peripherals with one controller
• Continuous Clock Serial Interface (CCSI)
Controller and Peripheral
– Data transfer rate up to 20MHz
– Programmable clock jitter for EMI enhancement
• Diagnostics
– Open-drain FAULT pin
– SPI communication loss detection
– CRC for SPI communication
– CCSI data integrity
• Data ready interrupt for availability of data

2 Applications
• SPI compatible connectivity for TLC6983 and
TLC6984

3 Description
The TLC6989 SPI-compatible connectivity enables
TLC698x device family to be controlled using a
standard SPI controller. The device features an
internal oscillator to generate the continuous clock
required by the TLC698x device family. Jitter can be
added to the continuous clock for EMI enhancement.
The transmitted data is aligned to the continuous
clock to maintain the timing requirements of the CCSI
interface.
TLC6989 incorporates reporting of faults in both the
TLC698x daisy chain and TLC6989 internal. Data
transmission of register and VSYNC commands to the
TLC698x daisy chain is CRC protected by TLC6989.
In addition, the data line is guarded by TLC6989 for
stuck-at faults.




Similar Part No. - TLC6989DYYR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC6989DYYR TI1-TLC6989DYYR Datasheet
2Mb / 72P
TLC6989 SPI-Compatible Connectivity for TLC698x Device Family
NOVEMBER 2024
More results


Similar Description - TLC6989DYYR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RH56D-PCI ETC-RH56D-PCI Datasheet
357Kb / 60P
MODEM DEVICE FAMILY FOR DESKTOP APPLICATIONS
logo
Altera Corporation
HC210W ALTERA-HC210W Datasheet
3Mb / 228P
HardCopy II Device Family
EPM7128SLC84-15 ALTERA-EPM7128SLC84-15 Datasheet
1Mb / 66P
Programmable Logic Device Family
EPM7128STC100-15N ALTERA-EPM7128STC100-15N Datasheet
1Mb / 66P
Programmable Logic Device Family
logo
List of Unclassifed Man...
UD1100002-01 ETC2-UD1100002-01 Datasheet
287Kb / 2P
RELIABLE DEVICE SERVERS FOR AFFORDABLE SERIAL-TO-ETHERNET CONNECTIVITY
logo
ATMEL Corporation
AT25010A ATMEL-AT25010A_14 Datasheet
526Kb / 18P
SerialPeripheralInterface(SPI)Compatible
AT25020A ATMEL-AT25020A_14 Datasheet
526Kb / 18P
SerialPeripheralInterface(SPI)Compatible
logo
STMicroelectronics
AN3254 STMICROELECTRONICS-AN3254 Datasheet
661Kb / 24P
SPI protocol for the STPMC1 metering device
19-Nov-2010
STA1074 STMICROELECTRONICS-STA1074 Datasheet
322Kb / 16P
Telemaco2 family of telematics and connectivity microprocessors
11-Sep-2015
STA1385 STMICROELECTRONICS-STA1385 Datasheet
221Kb / 6P
Telemaco3P automotive family of telematics and connectivity microprocessor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com