Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC6989DYYR Datasheet(PDF) 9 Page - Texas Instruments

Part # TLC6989DYYR
Description  TLC6989 SPI-Compatible Connectivity for TLC698x Device Family
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLC6989DYYR Datasheet(HTML) 9 Page - Texas Instruments

Back Button TLC6989DYYR Datasheet HTML 5Page - Texas Instruments TLC6989DYYR Datasheet HTML 6Page - Texas Instruments TLC6989DYYR Datasheet HTML 7Page - Texas Instruments TLC6989DYYR Datasheet HTML 8Page - Texas Instruments TLC6989DYYR Datasheet HTML 9Page - Texas Instruments TLC6989DYYR Datasheet HTML 10Page - Texas Instruments TLC6989DYYR Datasheet HTML 11Page - Texas Instruments TLC6989DYYR Datasheet HTML 12Page - Texas Instruments TLC6989DYYR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 71 page
background image
7 Detailed Description
7.1 Overview
The TLC6989 is an SPI-compatible connectivity between an SPI and a Continuous Clock Serial Interface
(CCSI). The device can drive any number of cascaded LED drivers of the TLC698x family. The maximum
number of cascaded devices is limited by the LED driver.
The TLC6989 uses an internal oscillator and clock divider to provide a programmable continuous clock
frequency for the CCSI. Data words received by the SPI peripheral are forwarded by the CCSI controller
where the data is aligned to the continuous clock. Data words received by the CCSI peripheral can be stored
by the TLC6989 and read by the Controller using SPI. The continuous clock incorporates a programmable
pseudo-random jitter (spread spectrum) feature to reduce EMI emissions.
The TLC6989 automatically inserts the required start bit and check bits when forwarding the data words received
by SPI peripheral. For data words received by the CCSI peripheral, the TLC6989 automatically analyses the
check bits and reports when an error is detected. When the data words are stored for reading by SPI, the start
bit and check bits are removed from the data string.
The TLC6989 automatically inserts the required end byte when forwarding the data words received by SPI
peripheral to make sure that different SPI commands are recognized as different CCSI commands. When the
data words are stored for reading by SPI, the end byte is removed from the data string.
The SPI peripheral of TLC6989 shifts in data using the rising edge of the clock. For the CCSI the data is shifted
out by TLC6989 at both the rising and falling edge of the continuous clock.
7.2 Functional Block Diagram
Bandgap
GND
VCC
Digital Core
UVLO
Internal
LDO
SPI
Peripheral
SDI
ESD
SCLK
CCSI
Controller
SOUT
CLK_O
CCSI
Peripheral
SIN
SDO
FAULT
OSC
DRDY
CS
OTP
CRC
SRAM
(RXFIFO)
SRAM
(TXFIFO)
Spread
Spectrum
Figure 7-1. Functional Block Diagram
www.ti.com
TLC6989
SLVSHF5 – NOVEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
9
Product Folder Links: TLC6989



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com