Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC6989DYYR Datasheet(PDF) 11 Page - Texas Instruments

Part # TLC6989DYYR
Description  TLC6989 SPI-Compatible Connectivity for TLC698x Device Family
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLC6989DYYR Datasheet(HTML) 11 Page - Texas Instruments

Back Button TLC6989DYYR Datasheet HTML 7Page - Texas Instruments TLC6989DYYR Datasheet HTML 8Page - Texas Instruments TLC6989DYYR Datasheet HTML 9Page - Texas Instruments TLC6989DYYR Datasheet HTML 10Page - Texas Instruments TLC6989DYYR Datasheet HTML 11Page - Texas Instruments TLC6989DYYR Datasheet HTML 12Page - Texas Instruments TLC6989DYYR Datasheet HTML 13Page - Texas Instruments TLC6989DYYR Datasheet HTML 14Page - Texas Instruments TLC6989DYYR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 71 page
background image
7.3.2.1 Command Format
The command format is viewed from the CCSI peripheral side. Figure 7-2 defines the format of the command
transmission. There are three states in one command:
• IDLE: CLK_O is always active and continuous. SIN is always HIGH.
• START: SIN changes from HIGH to LOW after the IDLE state.
• DATA:
– Head_byte: The command identifier, contains one 16-bit data and one check bit.
– Data_bytes_N-1: Each data-byte contains 3 × 17-bit data, each 17-bit data contains one 16-bit data word
and one check bit.
• END: The device recognizes continuous 18-bit HIGH on SIN, and then returns to IDLE state.
• CHECK BIT: The check bit (17th bit) value is the NOT of 16th bit value to avoid continuous 18-bit HIGH (to
distinguish with END).
The IDLE state is not necessary, which means the START state of the next command can connect to the END
state of the current command.
Head_byte
Data_bytes_N
End_bytes
Data_bytes_1
CLK_O
SIN
…...
IDLE START
DATA
END
IDLE
Figure 7-2. Command Format
7.3.2.2 Command Recognition and Synchronization
Two different CCSI commands require at least one END byte in between the commands to be able to be
recognized as separate commands. The TLC6989 automatically inserts one END byte after all the data from
one SPI command has been transmitted. However, for certain CCSI commands, the LED drivers add data to
the data stream. In this case, one END byte during transmission is not sufficient to distinguish the two CCSI
commands by the CCSI peripheral. Without sufficient END bytes, the CCSI controller and CCSI peripheral get
out of synchronization. The synchronization is required for several actions. For example, to determine if the
received data needs to be stored on the RXFIFO or if a CRC needs to be calculated over the received data
and compared to the CRC over the transmitted data. In case the synchronization is lost, the SPI command
SOFTRESET_CRC can be used to bring the CCSI controller and peripheral back in sync. The SPI controller
is responsible there are sufficient END bytes between CCSI commands to keep the synchronization by using a
dedicated SPI command that inserts extra END bytes.
7.3.2.3 CCSI Command Queue
The CCSI controller has the ability to queue multiple SPI commands. This means that when the CCSI controller
is still transmitting, a new SPI forward command can be received by the SPI peripheral. This new command is
automatically transmitted after the old command is finished transmitting. An example is depicted in Figure 7-3.
Note that in this figure every data word is 16 bits. That means that when the width of the block is larger, the clock
frequency is lower. In this example the CCSI frequency is lower than the SPI frequency.
SDI
SDO
SOUT
SPI CMD
Data0
Data1
Data2
CRC0
STATUS
CRC1
Data0
END
SPI CMD
Data3
CRC2
Data1
Data2
STATUS
CRC1
Data3
END
Figure 7-3. Example of queuing CCSI commands
www.ti.com
TLC6989
SLVSHF5 – NOVEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
11
Product Folder Links: TLC6989



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com