Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC6989DYYR Datasheet(PDF) 33 Page - Texas Instruments

Part # TLC6989DYYR
Description  TLC6989 SPI-Compatible Connectivity for TLC698x Device Family
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLC6989DYYR Datasheet(HTML) 33 Page - Texas Instruments

Back Button TLC6989DYYR Datasheet HTML 29Page - Texas Instruments TLC6989DYYR Datasheet HTML 30Page - Texas Instruments TLC6989DYYR Datasheet HTML 31Page - Texas Instruments TLC6989DYYR Datasheet HTML 32Page - Texas Instruments TLC6989DYYR Datasheet HTML 33Page - Texas Instruments TLC6989DYYR Datasheet HTML 34Page - Texas Instruments TLC6989DYYR Datasheet HTML 35Page - Texas Instruments TLC6989DYYR Datasheet HTML 36Page - Texas Instruments TLC6989DYYR Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 71 page
background image
7.6 Device Registers
DEVICE Registers Summary Table lists the memory-mapped registers for the Device registers. All register offset
addresses not listed in DEVICE Registers Summary Table should be considered as reserved locations and the
register contents should not be modified.
Table 7-3. DEVICE Registers Summary Table
Address
Acronym
Description
Section
0x0
DEVID
Device Identification
Section 7.6.1
0x1
SPICTRL
Control for SPI
Section 7.6.2
0x2
CCSICTRL
Control for Continuous Clock Serial Interface (CCSI)
Section 7.6.3
0x3
TXFFLVL
Transmission FIFO level control
Section 7.6.4
0x4
RXFFLVL
Receive FIFO level control
Section 7.6.5
0x5
DEVCTRL
Control register for Device
Section 7.6.6
0x6
DIAGMASK
Diagnostic masking
Section 7.6.7
0x7
STATUS
Global device status
Section 7.6.8
0x8
IFST
Detail Interface status
Section 7.6.9
0x9
TXFFST
Detail Transmit FIFO status
Section 7.6.10
0xA
RXFFST
Detail Receive FIFO status
Section 7.6.11
Complex bit access types are encoded to fit into small table cells. Table 7-4 shows the codes that are used for
access types in this section.
Table 7-4. Device Access Type Codes
Access Type
Code
Description
Read Type
R
R
Read
Write Type
W
W
Write
W1C
W
1C
Write
1 to clear
Reset or Default Value
-n
Value after reset or the default
value
www.ti.com
TLC6989
SLVSHF5 – NOVEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
33
Product Folder Links: TLC6989



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com