Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC6989DYYR Datasheet(PDF) 3 Page - Texas Instruments

Part # TLC6989DYYR
Description  TLC6989 SPI-Compatible Connectivity for TLC698x Device Family
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLC6989DYYR Datasheet(HTML) 3 Page - Texas Instruments

  TLC6989DYYR Datasheet HTML 1Page - Texas Instruments TLC6989DYYR Datasheet HTML 2Page - Texas Instruments TLC6989DYYR Datasheet HTML 3Page - Texas Instruments TLC6989DYYR Datasheet HTML 4Page - Texas Instruments TLC6989DYYR Datasheet HTML 5Page - Texas Instruments TLC6989DYYR Datasheet HTML 6Page - Texas Instruments TLC6989DYYR Datasheet HTML 7Page - Texas Instruments TLC6989DYYR Datasheet HTML 8Page - Texas Instruments TLC6989DYYR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 71 page
background image
4 Device Comparison
PART NUMBER
MATERIAL
PACKAGE
TLC6989
TLC6989DYYR
SOT-23-THN (14)
TLC6989DRRR
WSON (12)
5 Pin Configuration and Functions
1
FAULT
14
VCC
2
SDI
13
GND
3
SCLK
12
CS
4
SDO
11
DRDY
5
NC1
10
NC2
6
GND
9
CLK_O
7
SIN
8
SOUT
Not to scale
Figure 5-1. TLC6989 DYY Package 14-pin SOT-23-
THN Top View
1
FAULT
12
VCC
2
SDI
11
GND
3
SCLK
10
CS
4
SDO
9
DRDY
5
GND
8
CLK_O
6
SIN
7
SOUT
Not to scale
NC3
Figure 5-2. TLC6989 DRR Package 12-pin WSON
with Exposed Thermal Pad Top View
Table 5-1. Pin Functions
PIN
TYPE(1)
DESCRIPTION
NAME
DYY NO.
DRR NO.
FAULT
1
1
O
Fault indicator pin
SDI
2
2
I
SPI Serial Data Input
SCLK
3
3
I
SPI Serial Clock Input
SDO
4
4
O
SPI Serial Data Output
NC1
5
-
NC
No connection. Can be used for signal routing.
GND
6
5
G
Ground pin (must connect to Ground)
SIN
7
6
I
CCSI Serial Data Input
SOUT
8
7
O
CCSI Serial Data Output
CLK_O
9
8
O
CCSI Serial Clock Output
NC2
10
-
NC
No connection. Can be used for signal routing.
DRDY
11
9
O
Data ready interrupt.
CS
12
10
I
SPI Chip Select
GND
13
11
G
Ground pin (must connect to Ground)
VCC
14
12
P
VCC Power Supply Input
NC3
-
Exposed
Pad
NC
No connection. Need to be electrically isolated from any signal except Ground.
(1)
I = Input, O = Output, G = Ground, P = Power, NC = Not Connected.
www.ti.com
TLC6989
SLVSHF5 – NOVEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: TLC6989



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com